Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 49 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 49 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 52Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 53Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
ADT7490
http://onsemi.com
49
Table 23. PECI Reading Registers (Power−On Default = 0x80)
Register Address
R/W
Description
0x33
Read−only
PECI0: This register reads the eight bits representative of PECI Client Address 0x30.
0x1A
Read−only
PECI1: This register reads the eight bits representative of PECI Client Address 0x31.
0x1B
Read−only
PECI2: This register reads the eight bits representative of PECI Client Address 0x32.
0x1C
Read−only
PECI3: This register reads the eight bits representative of PECI Client Address 0x33.
Table 24. IMON/VTT Reading Registers (Power−On Default = 0x00)
Register Address
R/W
Description
0x1D
Read−only
Reflects the voltage measurement at the IMON input on Pin 19 (8 MSBs of reading). Input
range of 0 V to 2.25 V.
0x1E
Read−only
Reflects the voltage measurement at the VTT input on Pin 8 (8 MSBs of reading). Input range
of 0 V to 2.25 V.
Table 25. Register 0x1F — Extended Resolution 3 (Power−On Default = 0x00)
Bit No.
R/W
Description
[3:0]
Read−only
Reserved.
[5:4]
Read−only
Hold the two LSBs of the 10−bit VTT measurement.
[7:6]
Read−only
Hold the two LSBs of the 10−bit IMON measurement.
Table 26. Voltage Reading Registers (Power−On Default = 0x00) (Note 1)
Register Address
R/W
Description
0x20
Read−only
Reflects the voltage measurement at the 2.5 VIN input on Pin 22 (8 MSBs of reading).
0x21
Read−only
Reflects the voltage measurement (Note 2) at the VCCP input on Pin 23 (8 MSBs of reading).
0x22
Read−only
Reflects the voltage measurement (Note 3) at the VCC input on Pin 4 (8 MSBs of reading).
0x23
Read−only
Reflects the voltage measurement at the 5 VIN input on Pin 20 (8 MSBs of reading).
0x24
Read−only
Reflects the voltage measurement at the 12 VIN input on Pin 21 (8 MSBs of reading).
1. If the extended resolution bits of these readings are also being read, the extended resolution registers (Register 0x76, Register 0x77) must
be read first. Once the extended resolution registers have been read, the associated MSB reading registers are frozen until read. Both
the extended resolution registers and the MSB registers are frozen.
2. If VCCP Low (Bit 6 of 0x10) is set, VCCP can control the sleep state of the ADT7490.
3. VCC (Pin 4) is the supply voltage for the ADT7490.
Table 27. Temperature Reading Registers (Power−On Default = 0x80) (Note 1 and 2)
Register Address
R/W
Description
0x25
Read−only
Remote 1 temperature reading (Note 3 and 4) (8 MSBs of reading).
0x26
Read−only
Local temperature reading (8 MSBs of reading).
0x27
Read−only
Remote 2 temperature reading (Note 3 and 4) (8 MSBs of reading).
1. If the extended resolution bits of these readings are also being read, the extended resolution registers (Register 0x76, Register 0x77) must
be read first. Once the extended resolution registers have been read, all associated MSB reading registers are frozen until read. Both the
extended resolution registers and the MSB registers are frozen.
2. These temperature readings can be in twos complement or Offset 64 format; this interpretation is determined by Bit 0 of Configuration
Register 5 (0x7C).
3. In twos complement mode, a temperature reading of −128°C (0x80) indicates a diode fault (open or short) on that channel.
4. In Offset 64 mode, a temperature reading of −64°C (0x00) indicates a diode fault (open or short) on that channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com