Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 63 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 63 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 59Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 60Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 61Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 62Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 63Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 64Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 65Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 66Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 67Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 75 page
background image
ADT7490
http://onsemi.com
63
Table 63. Register 0x73 — Configuration Register 2 (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W (Note 1)
Description
0
FanPresDT
R/W
When FanPresDT = 1, the state of Bits [3:1] of this register reflects the presence of a 4−wire
fan on the appropriate TACH channel.
1
Fan1Detect
Read−only
Fan1Detect = 1 indicates that a 4−wire fan is connected to the PWM1 input.
2
Fan2Detect
Read−only
Fan2Detect = 1 indicates that a 4−wire fan is connected to the PWM2 input.
3
Fan3Detect
Read−only
Fan3Detect = 1 indicates that a 4−wire fan is connected to the PWM3 input.
4
AVG
R/W
AVG = 1 indicates that averaging on the temperature and voltage measurements is turned
off. This allows measurements on each channel to be made much faster (x16).
5
ATTN
R/W
ATTN = 1 indicates that the ADT7490 removes the attenuators from the +2.5 VIN, VCCP,
+5 VIN, and +12 VIN inputs. These inputs can be used for other functions such as connecting
up external sensors. It is also possible to remove attenuators from individual channels using
Bits [7:4] of Configuration Register 4 (0x7D).
6
CONV
R/W
CONV = 1 indicates that the ADT7490 is put into a single−channel ADC conversion mode. In
this mode, the ADT7490 can be made to read continuously from one input only, for example,
Remote 1 temperature. The appropriate ADC channel is selected by writing to Bits [7:4] of
TACH1 minimum high byte register (0x55).
When CONV = 1, Bits [7:4], Register 0x55
Bit Code
ADC Channel Selected
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
+2.5 VIN
VCCP
VCC
+5 VIN
+12 VIN
Remote 1 temperature
Local temperature
Remote 2 temperature
VTT
IMON
7
Shutdown
R/W
When the shutdown bit is set to 1, the ADT7490 goes into shutdown mode.
1. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any further attempts to write to this register
have no effect.
Table 64. Register 0x74 — Interrupt Mask Register 1 (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W
Description
[0]
+2.5 VIN/
THERM
R/W
+2.5 VIN/THERM = 1 masks SMBALERT for out−of−limit conditions on the +2.5 VIN/THERM
timer channel.
[1]
VCCP
R/W
VCCP = 1 masks SMBALERT for out−of−limit conditions on the VCCP channel.
[2]
VCC
R/W
VCC = 1 masks SMBALERT for out−of−limit conditions on the VCC channel.
[3]
+5 VIN
R/W
+5 VIN = 1 masks SMBALERT for out−of−limit conditions on the +5 VIN channel.
[4]
R1T
R/W
R1T = 1 masks SMBALERT for out−of−limit conditions on the Remote 1 temperature channel.
[5]
LT
R/W
LT = 1 masks SMBALERT for out−of−limit conditions on the local temperature channel.
[6]
R2T
R/W
R2T = 1 masks SMBALERT for out−of−limit conditions on the Remote 2 temperature channel.
[7]
OOL
R/W
OOL = 1 masks SMBALERT assertions when the OOL status bit is set.
Note that the OOL mask bit is independent of the individual mask bits associated with
Interrupt Status Register 2. Therefore, if the intention is to mask SMBALERT assertions for
any of the Interrupt Status Register 2 bits, OOL must also be masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com