Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 53 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 53 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 52Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 53Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 54Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 55Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 56Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 57Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
ADT7490
http://onsemi.com
53
Table 36. TCONTROL Limit Register (Power−On Default = 0x00) (Note 1)
Register Address
R/W (Note 2)
Description
0x3D
R/W
PECI TCONTROL limit.
1. If any PECI reading exceeds the TCONTROL limit, all PWM outputs drive their fans at 100% duty cycle. This is a fail-safe mechanism
incorporated to cool the system in the event of a critical overtemperature. It also ensures some level of cooling in the event that software
or hardware locks up. If set to 0x80, this feature is disabled. The PWM output remains at 100% until the temperature drops below TCONTROL
limit − hysteresis.
2. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any further attempts to write to this register
have no effect.
Table 37. Register 0x3F — Version Register
Bit No.
Mnemonic
R/W
Description
[1:0]
REV[1:0]
Read−only
These two bits indicate the ADT7490 silicon revision number. 0x00 indicates Revision 0,
0x01 indicates Revision 1, and so on. 0x11 indicates that further revision information can be
found in the “Extended Revision” register (0x12). The revision number is then found by
adding 0x11 to the contents of the extended revision register.
[2]
PECI
Read−only
This bit is set to 1 indicating that the ADT7490 supports the PECI interface.
[3]
4−Wire
Read−only
This bit is set to 1 indicating that the ADT7490 may be configured to drive 4−wire fans using
high frequency PWM.
[7:4]
VER[3:0]
Read−only
These bits indicate the version number of the device. This is set to 6, indicating that the
ADT7490 is part of the Heceta 6 ASIC family.
Table 38. Register 0x40 — Configuration Register 1 (Power−On Default = 0x04)
Bit No.
Mnemonic
R/W (Note 1)
Description
[0]
STRT
(Notes 2, 3)
R/W
Logic 1 enables monitoring and PWM control outputs based on the limit settings
programmed. Logic 0 disables monitoring and PWM control is based on the default powerup
limit settings. Note that the limit values programmed are preserved even if a Logic 0 is written
to this bit and the default settings are enabled. This bit does not become locked once Bit 1
(LOCK bit) is set.
[1]
LOCK
Write once
Logic 1 locks all limit values to their current settings. Once this bit is set, all lockable registers
become read−only and cannot be modified until the ADT7490 is powered down and powered
up again. This prevents rogue programs such as viruses from modifying critical system limit
settings. (Lockable.)
[2]
RDY
Read−only
This bit is set to 1 by the ADT7490 to indicate that the device is fully powered up and ready
to begin system monitoring.
[3]
Fan Boost
R/W
When this bit is set to Logic 1, all PWM outputs go to 100% regardless of other fan speed
configurations and automatic fan speed control settings. When this bit is set to 0, the fan
speed control returns to the fan speed setting calculated by the preprogrammed fan speed
control settings. This bit remains writable after the LOCK bit is set.
[4]
PECI
Monitor
R/W
Set this bit to Logic 1 to enable CPU thermal monitoring via PECI interface. This bit becomes
read−only when the LOCK bit is set.
[5]
THERM in
Manual
R/W
When this bit is set to Logic 1, THERM is enabled so that the fans go to 100% duty cycle on a
THERM or TCONTROL assertion overriding any other fan setting, even when the PWMs are
configured for manual mode, or disabled. This bit becomes read−only when the LOCK bit is set.
[7:6]
RES
Read−only
Reserved.
1. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any subsequent attempts to write to this
register fail.
2. Bit 0 (STRT) of Configuration Register 1 (0x40) remains writable after the LOCK bit is set.
3. When monitoring (STRT) is disabled, PWM outputs always go to 100% for thermal protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com