Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 55 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 55 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 52Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 53Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 54Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 55Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 56Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 57Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 58Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 59Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 75 page
background image
ADT7490
http://onsemi.com
55
Table 41. Register 0x43 — Interrupt Status Register 3 (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W
Description
[0]
PECI0
Read−only
A Logic 1 indicates that the PECI high or low limit has been exceeded by the PECI value
from PECI Client Address 0x30. This bit is cleared on a read of the status register only if the
error condition has subsided.
[1]
DATA
Read−only
A Logic 1 indicates that valid PECI data cannot be obtained for the processor and a specified
error code has been recorded.
[2]
COMM
Read−only
A Logic 1 indicates that there is a communications error (for example, invalid FCS) on the
PECI interface.
[3]
OVT
(THERM
Temp Limit)
Read−only
OVT = 1 indicates that one of the THERM overtemperature limits has been exceeded. This bit
is cleared on a read of the status register when the temperature drops below THERM − THYST.
[6:4]
RES
Read−only
Reserved.
[7]
OOL
Read−only
OOL = 1 indicates that an out−of−limit event has been latched in Interrupt Status Register 4
(0x81). This bit is a logical OR of all status bits in Interrupt Status Register 4. Software can
test this bit in isolation to determine whether any of the voltage, temperature, or fan speed
readings represented by Interrupt Status Register 4 are out−of−limit, which eliminates the
need to read Interrupt Status Register 4 during every interrupt or polling cycle.
Table 42. Voltage Limit Registers (Note 1)
Register Address
R/W
Description (Note 2)
Power−On Default
0x44
R/W
+2.5 VIN low limit.
0x00
0x45
R/W
+2.5 VIN high limit.
0xFF
0x46
R/W
VCCP low limit.
0x00
0x47
R/W
VCCP high limit.
0xFF
0x48
R/W
VCC low limit.
0x00
0x49
R/W
VCC high limit.
0xFF
0x4A
R/W
+5 VIN low limit.
0x00
0x4B
R/W
+5 VIN high limit.
0xFF
0x4C
R/W
+12 VIN low limit.
0x00
0x4D
R/W
+12 VIN high limit.
0xFF
1. Setting the Configuration Register 1 (0x40) LOCK bit has no effect on these registers.
2. High limits: An interrupt is generated when a value exceeds its high limit (> comparison). Low limits: An interrupt is generated when a value
is equal to or below its low limit (≤ comparison).
Table 43. Temperature Limit Registers (Note 1)
Register Address
R/W
Description (Note 2)
Power−On Default
0x4E
R/W
Remote 1 temperature low limit.
0x81
0x4F
R/W
Remote 1 temperature high limit.
0x7F
0x50
R/W
Local temperature low limit.
0x81
0x51
R/W
Local temperature high limit.
0x7F
0x52
R/W
Remote 2 temperature low limit.
0x81
0x53
R/W
Remote 2 temperature high limit.
0x7F
1. Exceeding any of these temperature limits by 1°C causes the appropriate status bit to be set in the interrupt status register. Setting the
Configuration Register 1 (0x40) LOCK bit has no effect on these registers.
2. High limits: An interrupt is generated when a value exceeds its high limit (> comparison). Low limits: An interrupt is generated when a value
is equal to or below its low limit (≤ comparison).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com