Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 35 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 35 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 75 page
background image
ADT7490
http://onsemi.com
35
Automatic Fan Control Multiplexer Options
Bits [7:5] (BHVR), Register 0x5C, Register 0x5D, and
Register 0x5E, with the ALT bit (Bit 3) cleared to 0.
000 = Remote 1 temperature controls PWMx
001 = Local temperature controls PWMx
010 = Remote 2 temperature controls PWMx
101 = Fastest speed calculated by local and Remote 2
temperature controls PWMx
110 = Fastest speed calculated by all three temperature
channels controls PWMx
The fastest speed calculated options pertain to controlling
one PWM output based on multiple temperature channels.
The thermal characteristics of the three temperature zones
can be set to drive a single fan. An example is the fan turning
on when the Remote 1 temperature exceeds 60
°C or if
the local temperature exceeds 45
°C.
Setting the ALT bit in Register 0x5C, Register 0x5D, and
Register 0x5E gives alternative behavior settings for Bits
[7:5] of the PWM configuration registers.
Bits [7:5] (BHVR), Register 0x5C, Register 0x5D, and
Register 0x5E, with the ALT bit (Bit 3) set to 1.
000 = PECI0 reading controls PWMx
001 = PECI1 reading controls PWMx
010 = PECI2 reading controls PWMx
011 = PECI3 reading controls PWMx
101 = Fastest speed calculated by all four PECI
readings controls PWMx
111 = Fastest speed calculated by all thermal zones
(Local, Rem1, Rem2 and PECI) controls PWMx
Other Mux Options
Bits [7:5] (BHVR), Register 0x5C, Register 0x5D, and
Register 0x5E, with the ALT bit (Bit 3) cleared to 0.
011 = PWMx runs full speed
100 = PWMx disabled (default)
111 = Manual mode. PWMx is running under software
control. In this mode, PWM duty cycle registers
(Register 0x30 to Register 0x32) are writable and
control the PWM outputs.
Bits [7:5] (BHVR), Register 0x5C, Register 0x5D, and
Register 0x5E, with the ALT bit (Bit 3) set to 1.
100 = PWMx runs at 100% duty cycle
110 = PWMx runs at 100% duty cycle
Step 3: TMIN Settings for Thermal Calibration Channels
TMIN is the temperature at which the fans start to turn on
under automatic fan control. The speed at which the fan runs
at TMIN is programmed later. The TMIN values chosen are
temperature channel specific, for example, 25
°C for
ambient channel, 30
°C for VRM temperature, and 40°C for
processor temperature.
TMIN is an 8−bit value, either twos complement or Offset
64, that can be programmed in 1
°C increments. A TMIN
register is associated with each temperature measurement
channel: Remote 1, local, Remote 2 and PECI temperature.
When the TMIN value is exceeded, the fan turns on and runs
at the minimum PWM duty cycle. The fan turns off once the
temperature has dropped below TMIN − THYST.
To overcome fan inertia, the fan is spun up until two valid
TACH rising edges are counted. See the Fan Startup
Timeout section for more details. In some cases, primarily
for psycho−acoustic reasons, it is desirable that the fan never
switch off below TMIN. When set, Bits [7:5] of Enhanced
Acoustics Register 1 (0x62) keep the fans running at the
PWM minimum duty cycle if the temperature should fall
below TMIN.
TMIN Registers
Register 0x67, Remote 1 Temperature TMIN = 0x5A (90°C default)
Register 0x68, Local Temperature TMIN = 0x5A (90°C default)
Register 0x69, Remote 2 Temperature TMIN = 0x5A (90°C default)
Register 0x3B, PECI TMIN = 0xE0 (−32°C default)
Enhanced Acoustics Register 1 (Register 0x62)
Bit 7 (MIN3) = 0, PWM3 is off (0% PWM duty cycle) when
the temperature is below TMIN – THYST.
Bit 7 (MIN3) = 1, PWM3 runs at PWM3 minimum duty
cycle below TMIN – THYST.
Bit 6 (MIN2) = 0, PWM2 is off (0% PWM duty cycle) when
the temperature is below TMIN – THYST.
Bit 6 (MIN2) = 1, PWM2 runs at PWM2 minimum duty
cycle below TMIN – THYST.
Bit 5 (MIN1) = 0, PWM1 is off (0% PWM duty cycle) when
the temperature is below TMIN – THYST.
Bit 5 (MIN1) = 1, PWM1 runs at PWM1 minimum duty
cycle below TMIN – THYST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com