Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 43 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 43 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
ADT7490
http://onsemi.com
43
Register Tables
Table 20. ADT7490 Registers
Addr
R/W
Desc
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
De-
fault
Lock-
able
0x10
R/W
Config.
Reg. 6
Extra
Slow
VCCP
Low
Res
Res
Res
SLOW
Remote
2
SLOW
Local
SLOW
Remote
1
0x00
Yes
0x11
R/W
Config.
Reg. 7
RES
RES
RES
TODIS
FSPDIS
Vx1
FSPD
THERM
Hys
0x00
Yes
0x12
R
Extended
Revision
RES
RES
RES
RES
RES
RES
RES
−
−
−
0x1A
R
PECI1
7
6
5
4
3
2
1
0
0x80
−
0x1B
R
PECI2
7
6
5
4
3
2
1
0
0x80
−
0x1C
R
PECI3
7
6
5
4
3
2
1
0
0x80
−
0x1D
R
IMON
Meas.
9
8
7
6
5
4
3
2
0x00
−
0x1E
R
VTT
Meas.
9
8
7
6
5
4
3
2
0x00
−
0x1F
R
Extended
Resolution
3
IMON
IMON
VTT
VTT
RES
RES
RES
RES
0x00
−
0x20
R
+2.5VIN
Meas.
9
8
7
6
5
4
3
2
0x00
−
0x21
R
VCCP
Meas.
9
8
7
6
5
4
3
2
0x00
−
0x22
R
VCC
Meas.
9
8
7
6
5
4
3
2
0x00
−
0x23
R
+5VIN
Meas.
9
8
7
6
5
4
3
2
0x00
−
0x24
R
+12VIN
Meas.
9
8
7
6
5
4
3
2
0x00
−
0x25
R
Remote 1
Temp.
9
8
7
6
5
4
3
2
0x80
−
0x26
R
Local
Temp.
9
8
7
6
5
4
3
2
0x80
−
0x27
R
Remote 2
Temp.
9
8
7
6
5
4
3
2
0x80
−
0x28
R
TACH1
Low Byte
7
6
5
4
3
2
1
0
0x00
−
0x29
R
TACH1
High Byte
15
14
13
12
11
10
9
8
0x00
−
0x2A
R
TACH2
Low Byte
7
6
5
4
3
2
1
0
0x00
−
0x2B
R
TACH2
High Byte
15
14
13
12
11
10
9
8
0x00
−
0x2C
R
TACH3
Low Byte
7
6
5
4
3
2
1
0
0x00
−
0x2D
R
TACH3
High Byte
15
14
13
12
11
10
9
8
0x00
−
0x2E
R
TACH4
Low Byte
7
6
5
4
3
2
1
0
0x00
−
0x2F
R
TACH4
High Byte
15
14
13
12
11
10
9
8
0x00
−
0x30
R/W
PWM1
Current
Duty
Cycle
7
6
5
4
3
2
1
0
0xFF
−
0x31
R/W
PWM2
Current
Duty
Cycle
7
6
5
4
3
2
1
0
0xFF
−
0x32
R/W
PWM3
Current
Duty
Cycle
7
6
5
4
3
2
1
0
0xFF
−
0x33
R
PECI0
7
6
5
4
3
2
1
0
0x80
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com