Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 60 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 60 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 56Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 57Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 58Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 59Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 60Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 61Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 62Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 63Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 64Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 75 page
background image
ADT7490
http://onsemi.com
60
Table 51. Register 0x63 — Enhanced Acoustics Register 2 (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W (Note 1)
Description
[2:0]
ACOU2
R/W
Assuming that PWMx is associated with the local temperature channel, these bits define the
maximum rate of change of the PWMx output for local temperature−related changes. Instead of
the fan speed jumping instantaneously to its newly determined speed, it ramps gracefully at the
rate determined by these bits. This feature ultimately enhances the acoustics of the fan.
When Bit 7 of Configuration Register 6 (0x10) is 0
Bit Code
Time for 0% to 100%
000 = 1
001 = 2
010 = 3
011 = 4
100 = 8
101 = 12
110 = 24
111 = 48
37.5 sec
18.8 sec
12.5 sec
7.5 sec
4.7 sec
3.1 sec
1.6 sec
0.8 sec
When Bit 7 of Configuration Register 6 (0x10) is 1
Bit Code
Time for 0% to 100%
000 = 1
001 = 2
010 = 3
011 = 4
100 = 8
101 = 12
110 = 24
111 = 48
52.2 sec
26.1 sec
17.4 sec
10.4 sec
6.5 sec
4.4 sec
2.2 sec
1.1 sec
[3]
EN2
R/W
When this bit is 1, smoothing is enabled on the local temperature channel.
[6:4]
ACOU3
R/W
Assuming that PWMx is associated with the Remote 2 temperature channel, these bits define
the maximum rate of change of the PWMx output for Remote 2 Temperature related
changes. Instead of the fan speed jumping instantaneously to its newly determined speed, it
ramps gracefully at the rate determined by these bits. This feature ultimately enhances the
acoustics of the fan.
[7]
EN3
R/W
When this bit is 1, smoothing is enabled on the Remote 2 temperature channel.
1. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any further attempts to write to this register
have no effect.
Table 52. PWM Minimum Duty Cycle Registers
Register Address
R/W (Note 1)
Description
Power−On Default
0x64
R/W
PWM1 minimum duty cycle.
0x80 (50% duty cycle)
0x65
R/W
PWM2 minimum duty cycle.
0x80 (50% duty cycle)
0x66
R/W
PWM3 minimum duty cycle.
0x80 (50% duty cycle)
1. These registers become read-only when the ADT7490 is in automatic fan control mode.
Table 53. Register 0x64, Register 0x65, and Register 0x66 — PWM1, PWM2, and PWM3 Min Duty Cycles
(Power−On Default = 0x80)
Register Address
R/W (Note 1)
Description
[7:0]
R/W
These bits define the PWMMIN duty cycle for PWMx.
0x00 = 0% duty cycle (fan off).
0x40 = 25% duty cycle.
0x80 = 50% duty cycle.
0xFF = 100% duty cycle (fan full speed).
1. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any further attempts to write to this register
have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com