Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 58 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 58 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 54Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 55Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 56Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 57Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 58Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 59Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 60Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 61Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 62Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 75 page
background image
ADT7490
http://onsemi.com
58
Table 49. Register 0x5F, Register 0x60, and Register 0x61 — Remote 1 TRANGE/PWM1 Frequency,
Local TRANGE/PWM2 Frequency, and Remote 2 TRANGE/PWM3 Frequency (Power−On Default = 0xC4)
Bit No.
Mnemonic
R/W (Note 1)
Description
[2:0]
FREQ
R/W
These bits control the PWMx frequency (only apply when PWM channel is in low frequency
mode).
Bit Code
Frequency
000
001
010
011
100
101
110
111
11.0 Hz
14.7 Hz
22.1 Hz
29.4 Hz
35.3 Hz (default)
44.1 Hz
58.8 Hz
88.2 Hz
[3]
HF/LF
R/W
HF/LF = 1, high frequency PWM mode is enabled for PWMx.
HF/LF = 0, low frequency PWM mode is enabled for PWMx.
[7:4]
RANGE
R/W
These bits determine the PWM duty cycle vs. the temperature range for automatic fan
control.
Bit Code
Temperature
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
2°C
2.5°C
3.33°C
4°C
5°C
6.67°C
8°C
10°C
13.33°C
16°C
20°C
26.67°C
32°C (default)
40°C
53.33°C
80°C
1. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set. Any further attempts to write to this register
have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com