Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 15 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 75 page
background image
ADT7490
http://onsemi.com
15
Table 4. Conversion Time with Averaging Disabled
Channel
Measurement Time (ms)
Voltage Channels
0.7
Remote Temperature 1
7
Remote Temperature 2
7
Local Temperature
1.3
When Bit 7 (ExtraSlow) of Configuration Register 6
(0x10) is set, the default round−robin cycle time increases to
240 ms.
Bypass All Voltage Input Attenuators
Setting Bit 5 of Configuration Register 2 (0x73) removes
the attenuation circuitry from the 2.5 VIN, VCCP, VCC, 5 VIN,
and 12 VIN inputs. This allows the user to directly connect
external sensors or rescale the analog voltage measurement
inputs for other applications. The input range of the ADC
without the attenuators is 0 V to 2.25 V.
Bypass Individual Voltage Input Attenuators
Bits [7:4] of Configuration Register 4 (0x7D) can be used
to bypass individual voltage channel attenuators.
Table 5. Bypassing Individual Voltage Input
Attenuators
Configuration Register 4 (0x7D)
Bit No.
Channel Attenuated
4
Bypass +2.5 VIN attenuator
5
Bypass VCCP attenuator
6
Bypass +5 VIN attenuator
7
Bypass +12 VIN attenuator
Single−Channel ADC Conversion
While single−channel mode is intended as a test mode that
can be used to increase sampling times for a specific
channel, therefore helping to analyze that channel’s
performance in greater detail, it can also have other
applications.
Setting Bit 6 of Configuration Register 2 (0x73) places the
ADT7490 into single−channel ADC conversion mode. In
this mode, the ADT7490 can read a single voltage channel
only. The selected voltage input is read every 0.7 ms. The
appropriate ADC channel is selected by writing to Bits [7:4]
of the TACH1 minimum high byte register (0x55).
Table 6. Programming Single−Channel ADC Mode
Bits [7:4], Register 0x55
Channel Selected (Note 1)
0000
+2.5 VIN
0001
VCCP
0010
VCC
0011
+5 VIN
0100
+12 VIN
0101
Remote 1 temperature
0110
Local temperature
0111
Remote 2 temperature
1000
VTT
1001
IMON
1. In the process of configuring single-channel ADC conversion
mode, the TACH1 minimum high byte is also changed, possibly
trading off TACH1 minimum high byte functionality with
single-channel mode functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com