Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 3 Page - ON Semiconductor

  ADT7490ARQZ-R7 Datasheet HTML 1Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 2Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 75 page
background image
ADT7490
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Positive Supply Voltage (VCC)
3.6
V
Maximum Voltage on +12 VIN Pin
16
V
Maximum Voltage on +5 VIN Pin
6.25
V
Maximum Voltage on All Open−Drain Outputs (excluding PWM pins)
3.6
V
Maximum Voltage on TACHx/PWMx Pins
+5.5
V
Voltage on Remaining Input or Output Pins
−0.3 to +4.2
V
Input Current at Any Pin
±5
mA
Package Input Current
±20
mA
Maximum Junction Temperature (TJ max)
150
°C
Storage Temperature Range
−65 to +150
°C
Lead Temperature, Soldering
IR Reflow Peak Temperature
Pb−Free Peak Temperature
Lead Temperature (Soldering, 10 sec)
220
260
300
°C
ESD Rating
HBM
FICDM
2
0.5
kV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE: This device is ESD sensitive. Use standard ESD precautions when handling.
THERMAL CHARACTERISTICS
Package Type
qJA
qJC
Unit
24−lead QSOP
122
31.25
°C/W
Figure 2. SMBus Bus Timing
SCL
SDA
PS
SP
tBUF
tHD;STA
tHD;DAT
tSU;DAT
tF
tR
tLOW
tSU;STA
tHIGH
tHD;STA
tSU;STO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com