Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 22 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 75 page
background image
ADT7490
http://onsemi.com
22
Table 13. Conversion Time with Averaging Disabled
Channel
Measurement Time (ms)
Voltage Channels
0.7
Remote Temperature 1
7
Remote Temperature 2
7
Local Temperature
1.3
When Bit 7 of Configuration Register 6 (0x10) is set, the
default round−robin cycle time increases to a maximum of
193 ms.
Table 14. Conversion Time with Averaging Enabled
Channel
Measurement Time (ms)
Voltage Channels
11
Remote Temperature
39
Local Temperature
12
Single−Channel ADC Conversions
Setting Bit 6 of Configuration Register 2 (Register 0x73)
places the ADT7490 into single−channel ADC conversion
mode. In this mode, the ADT7490 can be made to read a
single temperature channel only. The appropriate ADC
channel is selected by writing to Bits [7:4] of the TACH1
Minimum High Byte register (0x55).
Table 15. Programming Single−Channel ADC Mode
for Temperatures
Bits [7:4], Register 0x55
Channel Selected
Remote 1 Temperature
0101
Local Temperature
0110
Remote 2 Temperature
0111
Configuration Register 2 (Register 0x73)
Bit 4 (AVG) = 1, averaging off.
Bit 6 (CONV) = 1, single−channel convert mode.
Overtemperature Events
Overtemperature events on any of the temperature
channels can be detected and dealt with automatically in
automatic fan speed control mode. Register 0x6A to
Register 0x6C are the THERM temperature limits for the
local and remote diode temperature channels. The
equivalent PECI limit is TCONTROL in Register 0x3D. When
a temperature exceeds its THERM temperature limit, all
PWM outputs run at 100% duty cycle (default). This can be
changed to maximum PWM duty cycle as programmed in
Register 0x38, Register 0x39, and Register 0x3A, by setting
Bit 3 of Register 0x7D.
The fans run at this speed until the temperature drops
below THERM minus hysteresis. This can be disabled by
setting the BOOST bit in Configuration Register 3, Bit 2
(0x78). The hysteresis value for the THERM temperature
limit is the value programmed into the hysteresis registers
(0x6D and 0x6E). The default hysteresis value is 4
°C.
Figure 29. THERM Temperature Limit Operation
FANS
TEMPERATURE
100%
HYSTERESIS (5C)
THERM LIMIT
THERM can be disabled by setting Bit 2 of Configuration
Register 4 (0x7D). THERM can also be disabled by:
• In Offset 64 mode, writing −64°C to the appropriate
THERM temperature limit.
• In twos complement mode, writing −128°C to the
appropriate THERM temperature limit.
Limits, Status Registers, and Interrupts
Limit Values
Associated with each measurement channel on the
ADT7490 are high and low limits. These can form the basis of
system status monitoring; a status bit can be set for any
out−of−limit condition and is detected by polling the device.
Alternatively, SMBALERT interrupts can be generated to flag
out−of−limit conditions to a processor or micro−controller.
8−Bit Limits
The following is a list of 8−bit limits on the ADT7490:
Voltage Limit Registers
Register 0x44, +2.5 VIN Low Limit = 0x00 default
Register 0x45, +2.5 VIN High Limit = 0xFF default
Register 0x46, VCCP Low Limit = 0x00 default
Register 0x47, VCCP High Limit = 0xFF default
Register 0x48, VCC Low Limit = 0x00 default
Register 0x49, VCC High Limit = 0xFF default
Register 0x4A, +5 VIN Low Limit = 0x00 default
Register 0x4B, +5 VIN High Limit = 0xFF default
Register 0x4C, +12 VIN Low Limit = 0x00 default
Register 0x4D, +12 VIN High Limit = 0xFF default
Register 0x84, VTT Low Limit = 0x00 default
Register 0x86, VTT High Limit = 0xFF default
Register 0x85, IMON Low Limit = 0x00 default
Register 0x87, IMON High = 0xFF default
Temperature Limit Registers
Register 0x4E, Remote 1 Temperature Low Limit = 0x81 default
Register 0x4F, Remote 1 Temperature High Limit = 0x7F default
Register 0x6A, Remote 1 THERM Temperature Limit = 0x64
default
Register 0x50, Local Temperature Low Limit = 0x81 default
Register 0x51, Local Temperature High Limit = 0x7F default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com