Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 31 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 31 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 75 page
background image
ADT7490
http://onsemi.com
31
Because the actual fan TACH period is being measured,
falling below a fan TACH limit by 1 sets the appropriate
status bit and can be used to generate an SMBALERT.
Fan TACH Limit Registers
The fan TACH limit registers are 16−bit values consisting
of two bytes.
Register 0x54, TACH1 Minimum Low Byte = 0xFF default
Register 0x55, TACH1 Minimum High Byte = 0xFF default
Register 0x56, TACH2 Minimum Low Byte = 0xFF default
Register 0x57, TACH2 Minimum High Byte = 0xFF default
Register 0x58, TACH3 Minimum Low Byte = 0xFF default
Register 0x59, TACH3 Minimum High Byte = 0xFF default
Register 0x5A, TACH4 Minimum Low Byte = 0xFF default
Register 0x5B, TACH4 Minimum High Byte = 0xFF default
Fan Speed Measurement Rate
The fan TACH readings are normally updated once
every second.
When set, the FAST bit (Bit 3) of Configuration Register 3
(0x78), updates the fan TACH readings every 250 ms.
DC Bits
If any of the fans are not being driven by a PWM channel
but are powered directly from 5.0 V or 12 V, their associated
dc bit in Configuration Register 3 should be set. This allows
TACH readings to be taken on a continuous basis for fans
connected directly to a dc source. For 4−wire fans, once high
frequency mode is enabled, the dc bits do not need to be set
because this is automatically done internally.
Calculating Fan Speed
Assuming a fan with a two pulses per revolution, and with
the ADT7490 programmed to measure two pulses per
revolution, fan speed is calculated by
Fan Speed (RPM) = (90,000 x 60)/Fan TACH Reading
where Fan TACH Reading is the 16−bit fan tachometer
reading.
Example
TACH1 High Byte (Register 0x29) = 0x17
TACH1 Low Byte (Register 0x28) = 0xFF
What is Fan 1 speed in RPM?
Fan 1 TACH Reading = 0x17FF = 6143 (decimal)
RPM = (f x 60)/Fan 1 TACH Reading
RPM = (90000 x 60)/6143
Fan Speed = 879 RPM
Fan Pulses per Revolution
Different fan models can output either one, two, three, or
four TACH pulses per revolution. Once the number of fan
TACH pulses has been determined, it can be programmed
into the TACH pulses per revolution register (0x7B) for each
fan. Alternatively, this register can be used to determine the
number or pulses per revolution output by a given fan. By
plotting fan speed measurements at 100% speed with
different pulses per revolution setting, the smoothest graph
with the lowest ripple determines the correct pulses per
revolution value.
TACH Pulses per Revolution Register
Bits [1:0], FAN1 default = 2 pulses per revolution
Bits [3:2], FAN2 default = 2 pulses per revolution
Bits [5:4], FAN3 default = 2 pulses per revolution
Bits [7:6], FAN4 default = 2 pulses per revolution
00 = 1 pulse per revolution
01 = 2 pulses per revolution
10 = 3 pulses per revolution
11 = 4 pulses per revolution
Fan Spin−Up
The ADT7490 has a unique fan spin−up function. It spins
the fan at 100% PWM duty cycle until two TACH pulses are
detected on the TACH input. When two TACH pulses have
been detected, the PWM duty cycle goes to the expected
running value, for example, 33%. The advantage of this is
that fans have different spin−up characteristics and take
different times to overcome inertia. The ADT7490 runs the
fans just fast enough to overcome inertia and is quieter on
spin−up than fans programmed to spin up for a given
spin−up time.
Fan Startup Timeout
To prevent the generation of false interrupts as a fan spins
up, because the fan is below running speed, the ADT7490
includes a fan startup timeout function. During this time, the
ADT7490 looks for two TACH pulses. If two TACH pulses
are not detected, an interrupt is generated.
Fan startup timeout can be disabled by setting Bit 3
(FSPDIS) of Configuration Register 7 (0x11).
PWM1, PWM2, PWM3 Configuration
(Register 0x5C, Register 0x5D, Register 0x5E)
Bits [2:0] SPIN, startup timeout for PWM1 = 0x5C,
PWM2 = 0x5D, and PWM3 = 0x5E.
000 = No startup timeout
001 = 100 ms
010 = 250 ms default
011 = 400 ms
100 = 667 ms
101 = 1 sec
110 = 2 sec
111 = 4 sec
Disabling Fan Startup Timeout
Although a fan startup makes fan spin−ups much quieter
than fixed−time spin−ups, the option exists to use fixed
spin−up times. Setting Bit 3 (FSPDIS) to 1 in Configuration
Register 7 (Register 0x11) disables the spin−up for two
TACH pulses. Instead, the fan spins up for the fixed time as
selected in Register 0x5C to Register 0x5E.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com