Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 45 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 45 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 75 page
background image
ADT7490
http://onsemi.com
45
Table 20. ADT7490 Registers
Addr
Lock-
able
De-
fault
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Desc
R/W
0x4F
R/W
Remote 1
Temp
High Limit
7
6
5
4
3
2
1
0
0x7F
−
0x50
R/W
Local
Temp Low
Limit
7
6
5
4
3
2
1
0
0x81
−
0x51
R/W
Local
Temp
High Limit
7
6
5
4
3
2
1
0
0x7F
−
0x52
R/W
Remote 2
Temp Low
Limit
7
6
5
4
3
2
1
0
0x81
−
0x53
R/W
Remote 2
Temp
High Limit
7
6
5
4
3
2
1
0
0x7F
−
0x54
R/W
TACH1
Min Low
Byte
7
6
5
4
3
2
1
0
0xFF
−
0x55
R/W
TACH1
Min High
Byte
15
14
13
12
11
10
9
8
0xFF
−
0x56
R/W
TACH2
Min Low
Byte
7
6
5
4
3
2
1
0
0xFF
−
0x57
R/W
TACH2
Min High
Byte
15
14
13
12
11
10
9
8
0xFF
−
0x58
R/W
TACH3
Min Low
Byte
7
6
5
4
3
2
1
0
0xFF
−
0x59
R/W
TACH3
Min High
Byte
15
14
13
12
11
10
9
8
0xFF
−
0x5A
R/W
TACH4
Min Low
Byte
7
6
5
4
3
2
1
0
0xFF
−
0x5B
R/W
TACH4
Min High
Byte
15
14
13
12
11
10
9
8
0xFF
−
0x5C
R/W
PWM1
Config.
Register
BHVR
BHVR
BHVR
INV
ALT
SPIN
SPIN
SPIN
0x62
Yes
0x5D
R/W
PWM2
Config.
Register
BHVR
BHVR
BHVR
INV
ALT
SPIN
SPIN
SPIN
0x62
Yes
0x5E
R/W
PWM3
Config.
Register
BHVR
BHVR
BHVR
INV
ALT
SPIN
SPIN
SPIN
0x62
Yes
0x5F
R/W
Remote 1
TRANGE/
PWM1
Frequency
RANGE
RANGE
RANGE
RANGE
HF/LF
FREQ
FREQ
FREQ
0xC4
Yes
0x60
R/W
Local
TRANGE/P
WM2
Frequency
RANGE
RANGE
RANGE
RANGE
HF/LF
FREQ
FREQ
FREQ
0xC4
Yes
0x61
R/W
Remote 2
TRANGE/P
WM3
Frequency
RANGE
RANGE
RANGE
RANGE
HF/LF
FREQ
FREQ
FREQ
0xC4
Yes
0x62
R/W
Enhanced
Acoustics
Reg. 1
MIN3
MIN2
MIN1
SYNC
EN1
ACOU
ACOU
ACOU
0x00
Yes
0x63
R/W
Enhanced
Acoustics
Reg. 2
EN2
ACOU2
ACOU2
ACOU2
EN3
ACOU3
ACOU3
ACOU3
0x00
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com