Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 24 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 24 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 75 page
background image
ADT7490
http://onsemi.com
24
Table 16. Interrupt Status and Interrupt Mask Register Address and Bit Assignments
Interrupt
Status
Register
Interrupt
Mask
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x41
0x74
OOL
R2T
LT
R1T
+5 VIN
VCC
VCCP
+2.5 VIN/THERM
0x42
0x75
D2 FAULT
D1 FAULT
FAN4/THERM
FAN3
FAN2
FAN1
OOL
+12 VIN
0x43
0x82
OOL
RES
RES
RES
OVT
COM
M
DATA
PECI0
0x81
0x83
VTT
IMON
PECI3
PECI2
PECI1
RES
RES
RES
SMBALERT Interrupt Behavior
The ADT7490 can be polled for status, or an SMBALERT
interrupt can be generated for out−of−limit conditions. It is
important to note how the SMBALERT output and status
bits behave when writing interrupt handler software.
Figure 30. SMBALERT and Status Bit Behavior
STICKY
STATUS BIT
HIGH LIMIT
TEMPERATURE
CLEARED ON READ
(TEMP BELOW LIMIT)
TEMP BACK IN LIMIT
(STATUS BIT STAYS SET)
SMBALERT
Figure 30 shows how the SMBALERT output and sticky
status bits behave. Once a limit is exceeded, the
corresponding status bit is set to 1. The status bit remains set
until the error condition subsides and the status register is
read. The status bits are referred to as sticky, because they
remain set until read by software. This ensures that an
out−of−limit event cannot be missed if software is polling
the device periodically.
Note that the SMBALERT output remains low for the
entire duration that a reading is out of limit and until the
status register has been read. This has implications on how
software handles the interrupt.
Handling SMBALERT Interrupts
To prevent the system from being tied up servicing
interrupts, it is recommend to handle the SMBALERT
interrupt as follows:
1. Detect the SMBALERT assertion.
2. Enter the interrupt handler.
3. Read the status registers to identify the interrupt
source.
4. Mask the interrupt source by setting the
appropriate mask bit in the interrupt mask registers
(0x74, 0x75, 0x82, and 0x83).
5. Take the appropriate action for a given interrupt
source.
6. Exit the interrupt handler.
7. Periodically poll the status registers. If the
interrupt status bit has cleared, reset the
corresponding interrupt mask bit to 0. This causes
the SMBALERT output and status bits to behave
as shown in Figure 31.
Masking Interrupt Sources
The interrupt mask registers allow individual interrupt
sources to be masked out to prevent SMBALERT interrupts.
Note that masking an interrupt source prevents only the
SMBALERT output from being asserted; the appropriate
status bit is set normally (see Figure 31). Full details of the
status and mask registers associated with each measurement
channel are detailed in Table 16 and Table 20.
Figure 31. How Masking the Interrupt Source Affects
SMBALERT Output
STICKY
STATUS BIT
HIGH LIMIT
TEMPERATURE
CLEARED ON READ
(TEMP BELOW LIMIT)
TEMP BACK IN LIMIT
(STATUS BIT STAYS SET)
INTERRUPT
MASK BIT SET
SMBALERT
INTERRUPT MASK BIT
CLEARED
(SMBALERT REARMED)
Enabling the SMBALERT Interrupt Output
The SMBALERT interrupt function is disabled by
default. Pin 10 or Pin 14 can be reconfigured as an
SMBALERT output to signal out−of−limit conditions.
Table 17. Configuring Pin 10 as SMBALERT Output
Register
Bit Setting
Configuration Register 3
(Register 0x78), Bit 0
[1] Pin 10 = SMBALERT
[0] Pin 10 = PWM2 (default)
Assigning THERM Functionality to a Pin
Pin 14 on the ADT7490 has three possible functions:
SMBALERT, THERM, and TACH4. The user chooses the
required functionality by setting Bit 0 and Bit 1 of
Configuration Register 4 at Address 0x7D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com