Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 70 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 70 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 66Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 67Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 68Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 69Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 70Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 71Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 72Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 73Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 74Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 75 page
background image
ADT7490
http://onsemi.com
70
Table 81. Register 0x88 — PECI Configuration Register 2 (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W (Note 1)
Description
[2:0]
RES
R/W
Reserved.
[3]
DOM3
R/W
CPU domain count information. Set to 0 indicates that CPU 4 associated with the PECI3
reading has a single domain (default). Set to 1 indicates that the system CPU4 contains two
domains.
[4]
DOM2
R/W
CPU domain count information. Set to 0 indicates that CPU 3 associated with the PECI2
reading has a single domain (default). Set to 1 indicates that the system CPU3 contains two
domains.
[5]
DOM1
R/W
CPU domain count information. Set to 0 indicates that CPU 2 associated with the PECI1
reading has a single domain (default). Set to 1 indicates that the system CPU2 contains two
domains.
[7:6]
#CPU
R/W
CPU count. These bits indicate the number of CPUs in the system, which provide PECI
thermal information to the ADT7490.
00 = 1 CPU (default); indicates that PECI0 data is available from CPU 1 at Address 0x30.
01 = 2 CPUs; indicates that PECI0 data is available from CPU1 at Address 0x30 and PECI1
data is available from CPU 2 at Address 0x31.
10 = 3 CPUs; indicates that PECI0 data is available from CPU1 at Address 0x30, PECI1 data
is available from CPU 2 at Address 0x31 and PECI2 data is available from CPU 3 at Address
0x32.
11 = 4 CPUs; indicates that PECI0 data is available from CPU1 at Address 0x30, PECI1 data
is available from CPU 2 at Address 0x31, PECI2 data is available from CPU 3 at Address
0x32 and PECI3 data is available from CPU 4 at Address 0x33.
1. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any subsequent attempts to write to this
register fail.
Table 82. Operating Point Registers (Note 1 and 2)
Register Address
R/W (Note 3)
Description
Power−On Default
0x8A
R/W
PECI operating point register.
0xFB
0x8B
R/W
Remote 1 operating point register (default = 100°C).
0x64
0x8C
R/W
Local temperature operating point register (default = 100°C).
0x64
0x8D
R/W
Remote 2 operating point register (default = 100°C).
0x64
1. These registers set the target operating point for each temperature channel when the dynamic TMIN control feature is enabled.
2. The fans being controlled are adjusted to maintain temperature about an operating point.
3. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any subsequent attempts to write to this
register fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com