Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 56 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 56 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 52Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 53Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 54Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 55Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 56Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 57Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 58Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 59Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 60Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 75 page
background image
ADT7490
http://onsemi.com
56
Table 44. Fan Tachometer Limit Registers (Note 1)
Register Address
R/W
Description
Power−On Default
0x34
R/W
PECI low limit.
0x81
0x54
R/W
TACH1 minimum low byte.
0xFF
0x55
R/W
TACH1 minimum high byte/single−channel ADC channel select.
0xFF
0x56
R/W
TACH2 minimum low byte.
0xFF
0x57
R/W
TACH2 minimum high byte.
0xFF
0x58
R/W
TACH3 minimum low byte.
0xFF
0x59
R/W
TACH3 minimum high byte.
0xFF
0x5A
R/W
TACH4 minimum low byte.
0xFF
0x5B
R/W
TACH4 minimum high byte.
0xFF
1. Exceeding any of the TACH limit registers by 1 indicates that the fan is running too slowly or has stalled. The appropriate status bit is set
in Interrupt Status Register 2 (0x42) to indicate fan failure. Setting the Configuration Register 1 (0x40) LOCK bit has no effect on these
registers.
Table 45. Register 0x55 — TACH1 Minimum High Byte (Power−On Default = 0xFF)
Bit No.
Mnemonic
R/W
Description
[3:0]
Reserved
Read−only
When Bit 6 of Configuration 2 Register (0x73) is set (single−channel ADC mode), these bits
are reserved. Otherwise, these bits represent Bits [3:0] of the TACH1 minimum high byte.
[7:4]
SCADC
R/W
When Bit 6 of Configuration 2 Register (0x73) is set (single−channel ADC mode), these bits
are used to select the only channel from which the ADC will take measurements. Otherwise,
these bits represent Bits [7:4] of the TACH1 minimum high byte.
Bit Code
Single−Channel Select
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
+2.5 VIN
VCCP
VCC
+5 VIN
+12 VIN
Remote 1 temperature
Local temperature
Remote 2 temperature
VTT
IMON
Table 46. PWM Configuration Registers
Register Address
R/W (Note 1)
Description
Power−On Default
0x34
R/W
PECI low limit.
0x81
0x5C
R/W
PWM1 configuration.
0x62
0x5D
R/W
PWM2 configuration.
0x62
0x5E
R/W
PWM3 configuration.
0x62
1. These registers become read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any subsequent attempts to write to
these registers fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com