Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 69 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 69 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 65Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 66Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 67Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 68Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 69Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 70Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 71Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 72Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 73Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 75 page
background image
ADT7490
http://onsemi.com
69
Table 77. Register 0x81 — Interrupt Status Register 4 (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W
Description
[2:0]
RES
Read−only
Reserved.
[3]
PECI1
Read−only
A Logic 1 indicates that the PECI high or low limit has been exceeded by the PECI value
from PECI Client Address 0x31. This bit is cleared on a read of the status register only if the
error condition has subsided.
[4]
PECI2
Read−only
A Logic 1 indicates that the PECI high or low limit has been exceeded by the PECI value
from PECI Client Address 0x32. This bit is cleared on a read of the status register only if the
error condition has subsided.
[5]
PECI3
Read−only
A Logic 1 indicates that the PECI high or low limit has been exceeded by the PECI value
from PECI Client Address 0x33. This bit is cleared on a read of the status register only if the
error condition has subsided.
[6]
IMON
Read−only
A Logic 1 indicates that the IMON high or low limit has been exceeded. This bit is cleared on a
read of the status register only if the error condition has subsided.
[7]
VTT
Read−only
A Logic 1 indicates that the VTT high or low limit has been exceeded. This bit is cleared on a
read of the status register only if the error condition has subsided.
Table 78. Register 0x82 — Interrupt Mask Register 3 (Power−On Default = 0x00) (Note 1)
Bit No.
Mnemonic
R/W
Description
[0]
PECI0
R/W
A Logic 1 masks SMBALERT assertions for out−of−limit conditions on PECI0.
[1]
DATA
R/W
A Logic 1 masks SMBALERT assertions for PECI data errors.
[2]
COMM
R/W
A Logic 1 masks SMBALERT assertions for PECI communications errors.
[3]
OVT
R/W
OVT = 1 masks SMBALERT for overtemperature THERM conditions.
[6:4]
RES
R/W
Reserved.
[7]
OOL
R/W
OOL = 1 masks SMBALERT assertions when the OOL status bit is set.
Note that the OOL mask bit is independent of the individual mask bits of Interrupt Mask Re-
gister 4 (0x83). Therefore, if the intention is to mask SMBALERT assertions for any of the
Interrupt Status Register 4 bits, OOL must also be masked.
1. If the mask bits in Register 0x82 are set, it is also necessary to set the OOL mask bit in Register 0x75 to ensure the SMBALERT output
is not asserted.
Table 79. Register 0x83 — Interrupt Mask Register 4 (Power−On Default = 0x00) (Note 1)
Bit No.
Mnemonic
R/W
Description
[2:0]
RES
R/W
Reserved.
[3]
PECI1
R/W
A Logic 1 masks ALERT assertions for out−of−limit conditions on PECI1.
[4]
PECI2
R/W
A Logic 1 masks ALERT assertions for out−of−limit conditions on PECI2.
[5]
PECI3
R/W
A Logic 1 masks ALERT assertions for out−of−limit conditions on PECI3.
[6]
IMON
R/W
A Logic 1 masks ALERT assertions for out−of−limit conditions on IMON.
[7]
VTT
R/W
A Logic 1 masks ALERT assertions for out−of−limit conditions on VTT.
1. If the mask bits in Register 0x83 are set, it is also necessary to set the OOL mask bit in Register 0x82 to ensure the SMBALERT output
is not asserted.
Table 80. VTT, IMON Limit Registers
Register Address
R/W (Note 1)
Description
Power−On Default
0x84
R/W
VTT low limit
0x00
0x85
R/W
IMON low limit
0x00
0x86
R/W
VTT high limit
0xFF
0x87
R/W
IMON high limit
0xFF
1. These registers becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any subsequent attempts to write to
these registers fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com