Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 32 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 32 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 75 page
background image
ADT7490
http://onsemi.com
32
PWM Logic State
The PWM outputs can be programmed high for 100%
duty cycle (non−inverted) or low for 100% duty cycle
(inverted).
PWM1 Configuration (Register 0x5C)
Bit 4 (INV)
0 = Logic high for 100% PWM duty cycle (non−inverted)
1 = Logic low for 100% PWM duty cycle (inverted)
PWM2 Configuration (Register 0x5D)
Bit 4 (INV)
0 = Logic high for 100% PWM duty cycle
1 = Logic low for 100% PWM duty cycle
PWM3 Configuration (Register 0x5E)
Bit 4 (INV)
0 = Logic high for 100% PWM duty cycle (non−inverted)
1 = Logic low for 100% PWM duty cycle (inverted).
Low Frequency Mode PWM Drive Frequency
The PWM drive frequency can be adjusted for the
application. Register 0x5F to Register 0x61 configure the
PWM frequency for PWM1 to PWM3, respectively.
PWM1, PWM 2, PWM3 Frequency Registers
(Register 0x5F to Register 0x61)
Bits [2:0] FREQ
000 = 11.0 Hz
001 = 14.7 Hz
010 = 22.1 Hz
011 = 29.4 Hz
100 = 35.3 Hz default
101 = 44.1 Hz
110 = 58.8 Hz
111 = 88.2 Hz
High Frequency Mode PWM Drive
Setting Bit 3 of Register 0x5F, Register 0x60, and Register
0x61 enables high frequency mode for Fan 1, Fan 2, and
Fan 3, respectively.
In high frequency mode, the PWM drive frequency is
always 22.5 kHz. When high frequency mode is enabled, the
dc bits are automatically asserted internally and do not need
to be changed.
Fan Speed Control
The ADT7490 controls fan speed using automatic and
manual modes.
In automatic fan speed control mode, fan speed is
automatically varied with temperature and without CPU
intervention, once initial parameters are set up. The
advantage is that, if the system hangs, the user is guaranteed
that the system is protected from overheating.
In manual fan speed control mode, the ADT7490 allows
the duty cycle of any PWM output to be manually adjusted.
This can be useful if the user wants to change fan speed in
software or adjust PWM duty cycle output for test purposes.
Bits [7:5] of Register 0x5C to Register 0x5E (PWM
Configuration) control the behavior of each PWM output.
PWM Configuration Registers
(Register 0x5C to Register 0x5E)
Bits [7:5] (BHVR)
111 = manual mode
Once under manual control, each PWM output can be
manually updated by writing to Register 0x30 to Register
0x32 (PWMx current duty cycle registers).
Programming the PWM Current Duty Cycle Registers
The PWM current duty cycle registers are 8−bit registers
that allow the PWM duty cycle for each output to be set
anywhere from 0% to 100% in steps of 0.39%. The value to
be programmed into the PWMMIN register is given by
Value (decimal) = PWMMIN/0.39%
Example 1
For a PWM duty cycle of 50%,
Value (decimal) = 50%/0.39% = 128 (decimal)
Value = 128 (decimal) or 0x80 (hexadecimal)
Example 2
For a PWM duty cycle of 33%,
Value (decimal) = 33%/0.39% = 85 (decimal)
Value = 85 (decimal) or 0x54 (hexadecimal)
PWM Duty Cycle Registers
Register 0x30, PWM1 Current Duty Cycle = 0xFF (100% default)
Register 0x31, PWM2 Current Duty Cycle = 0xFF (100% default)
Register 0x32, PWM3 Current Duty Cycle = 0xFF (100% default)
By reading the PWMx current duty cycle registers, the
user can keep track of the current duty cycle on each PWM
output, even when the fans are running in automatic fan
speed control mode or acoustic enhancement mode.
Programming TRANGE
TRANGE defines the distance between TMIN and 100%
PWM. For the ADT7467, ADT7468, and ADT7473,
TRANGE is effectively a slope. For the ADT7475, ADT7476,
and ADT7490, TRANGE is no longer a slope but defines the
temperature region where the PWM output linearly ramps
from PWMMIN to 100% PWM.
Figure 47. TRANGE
TMIN
PWM = 100%
PWMMIN
PWMMAX
PWM = 0%
TRANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com