Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 61 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 61 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 57Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 58Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 59Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 60Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 61Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 62Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 63Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 64Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 65Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 75 page
background image
ADT7490
http://onsemi.com
61
Table 54. TMIN Registers (Note 1)
Register Address
R/W (Note 2)
Description
Power−On Default
0x67
R/W
Remote 1 temperature TMIN.
0x5A (90°C)
0x68
R/W
Local temperature TMIN.
0x5A (90°C)
0x69
R/W
Remote 2 temperature TMIN.
0x5A (90°C)
1. These are the TMIN registers for each temperature channel. When the temperature measured exceeds TMIN, the appropriate fan runs at
minimum speed and increases with temperature according to TRANGE.
2. These registers become read-only when the Configuration Register 1 (0x40) LOCK bit is set. Any further attempts to write to these registers
have no effect.
Table 55. THERM Limit Registers (Note 1)
Register Address
R/W (Note 2)
Description
Power−On Default
0x6A
R/W
Remote 1 THERM temperature limit.
0x64 (100°C)
0x6B
R/W
Local THERM temperature limit.
0x64 (100°C)
0x6C
R/W
Remote 2 THERM temperature limit.
0x64 (100°C)
1. If any temperature measured exceeds its THERM limit, all PWM outputs drive their fans at 100% duty cycle. This is a fail-safe mechanism
incorporated to cool the system in the event of a critical over temperature. It also ensures some level of cooling in the event that software
or hardware locks up. If set to 0x80, this feature is disabled. The PWM output remains at 100% until the temperature drops below THERM
limit − hysteresis. If the THERM pin is programmed as an output, exceeding these limits by 0.25°C can cause the THERM pin to assert
low as an output.
2. These registers become read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any further attempts to write to these
registers have no effect.
Table 56. Temperature/TMIN Hysteresis Registers
Register Address
R/W (Note 1)
Description
Power−On Default
0x6D
R/W
Remote 1 and local temperature/TMIN hysteresis.
0x44
0x6E
R/W
PECI and Remote 2 temperature/TMIN hysteresis.
0x44
1. These registers become read-only when the Configuration Register 1(0x40) LOCK bit is set to 1. Any further attempts to write to these
registers have no effect.
Table 57. Register 0x6D — Remote 1 and Local Temperature/TMIN Hysteresis (Power−On Default = 0x44)
Bit No.
(Note 1)
Mnemonic
R/W
(Note 2)
Description
[3:0]
HYSL
R/W
Local temperature hysteresis. 0°C to 15°C of hysteresis can be applied to the Local
temperature AFC control loops.
[7:4]
HYSR1
R/W
Remote 1 temperature hysteresis. 0°C to 15°C of hysteresis can be applied to the Remote 1
Temperature AFC control loops.
1. Each 4-bit value controls the amount of temperature hysteresis applied to a particular temperature channel. Once the temperature for that
channel falls below its TMIN value, the fan remains running at PWMMIN duty cycle until the temperature = TMIN − hysteresis. Up to 15°C of
hysteresis can be assigned to any temperature channel. The hysteresis value chosen also applies to that temperature channel if its THERM
limit is exceeded. The PWM output being controlled goes to 100%, if the THERM limit is exceeded and remains at 100% until the temperature
drops below THERM − hysteresis. For acoustic reasons, it is recommended that the hysteresis value not be programmed less than 4°C.
Setting the hysteresis value lower than 4°C causes the fan to switch on and off regularly when the temperature is close to TMIN.
2. These registers become read-only when the Configuration Register 1 LOCK bit is set to 1. Any further attempts to write to these registers
have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com