Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 51 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 51 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 52Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 53Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 54Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 55Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 75 page
background image
ADT7490
http://onsemi.com
51
Table 32. Register 0x36 — PECI Configuration Register 1 (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W (Note 1)
Description
[2:0]
AVG[2:0]
R/W
PECI Smoothing Interval. These bits set the duration over which smoothing is carried out on
the PECI data read. Note that the PECI smoothing interval is equal to the PECI register
update interval. The smoothing interval is calculated using the following formula:
Smooth Interval = #reads x (tBIT x 67 x #CPU + tIDLE)
where:
#reads is the number of readings defined below.
tBIT is the negotiated bit rate.
67 is the number of bits in each PECI reading.
#CPU is the number of CPUs providing PECI data (1 to 4).
tIDLE = 14 ms, the delay between consecutive reads.
Bit Code
Number of PECI Readings
000
001
010
011
100
101
110
111
16
2048
4096
8192
16384
32768
65536
Reserved
[3]
DOM0
R/W
CPU Domain Count information. Set to 0 indicates that CPU 1 associated with the PECI0
reading has a single domain (default). Set to 1 indicates that the system CPU 1 contains two
domains.
[4]
REPLACE
R/W
If this bit is set to 0, it indicates that the ADT7490 is operating in standard mode. If this bit is
set to 1, the Remote 1 Temperature register (Register 0x25) is overwritten by PECI0
information (Register 0x33) and vice versa. Note that in this mode, all associated user
programmable limit and fan control registers are also swapped and should be programmed in
the appropriate PECI or absolute temperature format.
[7:5]
RES
R
Reserved.
1. These registers become read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any subsequent attempts to write to
these registers fail.
Table 33. Maximum PWM Duty Cycle (Power−On Default = 0xFF) (Note 1)
Register Address
R/W (Note 2)
Description
0x38
R/W
Maximum duty cycle for PWM1 output, default = 100% (0xFF).
0x39
R/W
Maximum duty cycle for PWM2 output, default = 100% (0xFF).
0x3A
R/W
Maximum duty cycle for PWM3 output, default = 100% (0xFF).
1. These registers set the maximum PWM duty cycle of the PWM output.
2. These registers become read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any subsequent attempts to write to
these registers fail.
Table 34. PECI TMIN Register (Power−On Default = 0xE0, Value = −32)
Register Address
R/W (Note 1)
Description
0x3B
R/W
PECI TMIN. When the PECI measurement exceeds PECI TMIN, the appropriate fans run at
PWMMIN and increase according to the automatic fan speed control slope.
1. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set. Any further attempts to write to this register
have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com