Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 27 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 27 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 75 page
background image
ADT7490
http://onsemi.com
27
Figure 34. Functional Block Diagram of THERM Monitoring Circuitry
22.76ms
45.52ms
91.04ms
182.08ms
364.16ms
728.32ms
1.457s
2.914s
IN
OUT
RESET
LATCH
CLEARED
ON READ
FAN4 BIT (BIT 5)
INTERRUPT MASK REGISTER 2
(REGISTER 0x75)
1 = MASK
FAN4 BIT (BIT 5)
INTERRUPT STATUS 2
REGISTER
COMPARATOR
22.76ms
45.52ms
91.04ms
182.08ms
364.16ms
728.32ms
1.457s
2.914s
7
6
5
4
3
2
1
0
7 6 543 2 1 0
THERM TIMER LIMIT
(REGISTER 0x7A)
THERM TIMER STATUS
(REGISTER 0x79)
THERM TIMER CLEARED ON READ
SMBALERT
THERM
Alternatively, OS− or BIOS−level software can
time−stamp when the system is powered on. If an
SMBALERT is generated due to the THERM timer limit
being exceeded, another time−stamp can be taken. The
difference in time can be calculated for a fixed THERM timer
limit time. For example, if it takes one week for a THERM
timer limit of 2.914 sec to be exceeded, and the next time it
takes only 1 hour, this is an indication of a serious degradation
in system performance.
Configuring the THERM Pin as an Output
In addition to monitoring THERM as an input, the
ADT7490 can optionally drive THERM low as an output.
When PROCHOT is bidirectional, THERM can be used to
throttle the processor by asserting PROCHOT. The user can
preprogram system−critical thermal limits. If the
temperature exceeds a thermal limit by 0.25
°C, THERM
asserts low. If the temperature is still above the thermal limit
on the next monitoring cycle, THERM stays low. THERM
remains asserted low until the temperature is equal to or
below the thermal limit. Because the temperature for that
channel is measured only once for every monitoring cycle,
after THERM asserts, it is guaranteed to remain low for at
least one monitoring cycle.
The THERM pin can be configured to assert low if the
Remote 1 THERM, local THERM, Remote 2 THERM or
PECI temperature limits are exceeded by 0.25
°C. The
THERM temperature limit registers are at Register 0x6A,
Register 0x6B, and Register 0x6C, respectively. Setting Bits
[5:7] of Configuration Register 5 (0x7C) enables the
THERM output feature for the Remote 1, local, and
Remote 2 temperature channels, respectively. Figure 35
shows how the THERM pin asserts low as an output in the
event of a critical overtemperature.
Figure 35. Asserting THERM as an Output, Based on
Tripping THERM Limits
MONITORING
CYCLE
TEMP
THERM LIMIT
0.255C
THERM LIMIT
THERM
An alternative method of disabling THERM is to program
the THERM temperature limit to –63
°C or less in Offset 64
mode, or −128
°C or less in twos complement mode; that is,
for THERM temperature limit values less than –63
°C or
–128
°C, respectively, THERM is disabled.
Enabling and Disabling THERM on Individual
Channels.
The THERM pin can be enabled/disabled for individual
or combinations of temperature channels using Bits [7:5] of
Configuration Register 5 (0x7C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com