Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 71 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 71 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 67Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 68Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 69Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 70Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 71Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 72Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 73Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 74Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 75Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 71 / 75 page
background image
ADT7490
http://onsemi.com
71
Table 83. Register 0x8E — Dynamic TMIN Control Register 1 (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W (Note 1)
Description
[0]
CYR2
R/W
MSB of 3−bit Remote 2 Cycle Value. The other two bits of the code reside in Dynamic TMIN
Control Register 2 (0x8F). These three bits define the delay time between making
subsequent TMIN adjustments in the control loop in terms of the number of monitoring cycles.
The system has associated thermal time constants that need to be found to optimize the
response of fans and the control loop.
[1]
VCCPLO
R/W
VCCPLO = 1. When the power is supplied from 3.3 V STANDBY and the core voltage (VCCP)
drops below its VCCP low limit value (0x46), the following occurs:
Status Bit 1 in Status Register 1 is set.
SMBALERT is generated, if enabled.
PROCHOT
monitoring is disabled.
Dynamic TMIN control is disabled.
The device is prevented from entering shutdown.
Everything is re−enabled once VCCP increases above the VCCP low limit.
[2]
PHTR1
R/W
PHTR1 = 1 copies the Remote 1 current temperature to the Remote 1 operating point
register if THERM is asserted. The operating point contains the temperature at which
THERM is asserted, allowing the system to run as quietly as possible without affecting
system performance.
PHTR1 = 0 ignores any THERM assertions on the THERM pin. The Remote 1 operating
point register reflects its programmed value.
[3]
PHTL
R/W
PHTL = 1 copies the local channel’s current temperature to the local operating point register
if THERM is asserted. The operating point contains the temperature at which THERM is
asserted. This allows the system to run as quietly as possible without affecting system
performance.
PHTL = 0 ignores any THERM assertions on the THERM pin. The local temperature
operating point register reflects its programmed value.
[4]
PHTR2
R/W
PHTR2 = 1 copies the Remote 2 current temperature to the Remote 2 operating point
register if THERM is asserted. The operating point contains the temperature at which
THERM is asserted, allowing the system to run as quietly as possible without affecting
system performance.
PHTR2 = 0 ignores any THERM assertions on the THERM pin. The Remote 2 operating
point register reflects its programmed value.
[5]
R1T
R/W
R1T = 1 enables dynamic TMIN control on the Remote 1 temperature channel. The chosen
TMIN value is dynamically adjusted based on the current temperature, operating point, and
high and low limits for this zone.
R1T = 0 disables dynamic TMIN control. The TMIN value chosen is not adjusted, and the
channel behaves as described in the section.
[6]
LT
R/W
LT = 1 enables dynamic TMIN control on the local temperature channel. The chosen TMIN
value is dynamically adjusted based on the current temperature, operating point, and high
and low limits for this zone.
LT = 0 disables dynamic TMIN control. The TMIN value chosen is not adjusted, and the
channel behaves as described in the Automatic Fan Control Overview section.
[7]
R2T
R/W
R2T = 1 enables dynamic TMIN control on the Remote 2 temperature channel. The chosen
TMIN value is dynamically adjusted based on the current temperature, operating point, and
high and low limits for this zone.
R2T = 0 disables dynamic TMIN control. The TMIN value chosen is not adjusted, and the
channel behaves as described in the Automatic Fan Control Overview section.
1. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any subsequent attempts to write to this
register fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com