Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 65 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 65 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 61Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 62Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 63Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 64Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 65Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 66Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 67Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 68Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 69Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 75 page
background image
ADT7490
http://onsemi.com
65
Table 68. Register 0x78 — Configuration Register 3 (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W (Note 1)
Description
[0]
ALERT
Enable
R/W
ALERT = 1, Pin 10 (PWM2/ SMBALERT) is configured as an SMBALERT interrupt output to
indicate out−of−limit error conditions.
ALERT = 0, Pin 10 (PWM2/ SMBALERT) is configured as the PWM2 output.
[1]
THERM/
+2.5VIN
R/W
THERM = 1 enables THERM functionality on Pin 22 and Pin 14, if Pin 14 is configured as
THERM, determined by Bit 0 and Bit 1 (Pin 14 Func) of Configuration Register 4 (0x7D).
When THERM is asserted, if the fans are running and the BOOST bit is set, then the fans run
at full speed. Alternatively, THERM can be programmed so that a timer is triggered to time
how long THERM has been asserted.
THERM = 0 enables +2.5VIN measurement on Pin 22 and disables THERM. If Bits [5:7] of
Configuration Register 5 (0x7C) are set, THERM is bidirectional. If they are 0, THERM is a
timer input only.
Pin 14 Func (0x7D)
THERM/+2.5 VIN (0x78)
Pin 22
Pin 14
00
01
10
11
00
01
10
11
0
0
0
0
1
1
1
1
+2.5 VIN
+2.5 VIN
+2.5 VIN
+2.5 VIN
THERM
+2.5 VIN
THERM
THERM
TACH4
TACH4
SMBALERT
N/A
TACH4
THERM
SMBALERT
N/A
[2]
BOOST
R/W
When THERM is an input and BOOST = 1, assertion of THERM causes all fans to run at the
maximum programmed duty cycle for fail−safe cooling.
[3]
FAST
R/W
FAST = 1 enables fast TACH measurements on all channels. This increases the TACH
measurement rate from once per second to once every 250 ms (4x).
[4]
DC1
R/W
DC1 = 1 enables TACH measurements to be continuously made on TACH1. Fans must be
driven by dc. Setting this bit prevents pulse stretching because it is not required for dc−driven
motors.
[5]
DC2
R/W
DC2 = 1 enables TACH measurements to be continuously made on TACH2. Fans must be
driven by dc. Setting this bit prevents pulse stretching because it is not required for dc−driven
motors.
[6]
DC3
R/W
DC3 = 1 enables TACH measurements to be continuously made on TACH3. Fans must be
driven by dc. Setting this bit prevents pulse stretching because it is not required for dc−driven
motors.
[7]
DC4
R/W
DC4 = 1 enables TACH measurements to be continuously made on TACH4. Fans must be
driven by dc. Setting this bit prevents pulse stretching because it is not required for dc−driven
motors.
1. Bits [3:0] of this register become read-only when the Configuration Register 1 LOCK (0x40) bit is set to 1. Any further attempts to write
to Bits [3:0] have no effect.
Table 69. Register 0x79 — THERM Timer Status Register (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W
Description
[0]
ASRT/
TMR0
R
This bit is set high on the assertion of the THERM input and is cleared on read. If the THERM
assertion time exceeds 45.52 ms, this bit is set and becomes the LSB of the 8−bit TMR
reading. This allows THERM assertion times from 45.52 ms to 5.82 sec to be reported back
with a resolution of 22.76 ms.
[7:1]
TMR
R
Times how long THERM input is asserted. These seven bits read 0 until the THERM
assertion time exceeds 45.52 ms.
Table 70. Register 0x7A — THERM Timer Limit Register (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W
Description
[7:0]
LIMT
R/W
Sets maximum THERM assertion length allowed before an interrupt is generated. This is an
8−bit limit with a resolution of 22.76 ms allowing THERM assertion limits of 45.52 ms to 5.82 sec
to be programmed. If the THERM assertion time exceeds this limit, Bit 5 (FAN4/THERM) of
Interrupt Status Register 2 (0x42) is set. If the limit value is 0x00, an interrupt is generated
immediately on the assertion of the THERM input. If THERM is configured as an output, the
THERM timer limit should be set to 0xFF to avoid unwanted alerts from being generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com