Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 62 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 62 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 58Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 59Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 60Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 61Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 62Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 63Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 64Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 65Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 66Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 75 page
background image
ADT7490
http://onsemi.com
62
Table 58. Register 0x6E — Remote 2 and PECI Temperature/TMIN Hysteresis (Power−On Default = 0x44)
Bit No.
(Note 1)
Mnemonic
R/W
(Note 2)
Description
[3:0]
HYSP
R/W
PECI temperature hysteresis. 0°C to 15°C of hysteresis can be applied to the PECI AFC
control loops.
[7:4]
HYSR2
R/W
Remote 2 temperature hysteresis. 0°C to 15°C of hysteresis can be applied to the local
temperature AFC control loops.
1. Each 4-bit value controls the amount of temperature hysteresis applied to a particular temperature channel. Once the temperature for that
channel falls below its TMIN value, the fan remains running at PWMMIN duty cycle until the temperature = TMIN − hysteresis. Up to 15°C of
hysteresis can be assigned to any temperature channel. The hysteresis value chosen also applies to that temperature channel, if its THERM
limit is exceeded. The PWM output being controlled goes to 100%, if the THERM limit is exceeded and remains at 100% until the temperature
drops below THERM − hysteresis. For acoustic reasons, it is recommended that the hysteresis value not be programmed less than 4°C.
Setting the hysteresis value lower than 4°C causes the fan to switch on and off regularly when the temperature is close to TMIN.
2. These registers become read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any further attempts to write to these
registers have no effect.
Table 59. Register 0x6F — XNOR Tree Test Enable (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W (Note 1)
Description
[0]
XEN
R/W
If the XEN bit is set to 1, the device enters the XNOR tree test mode. Clearing the bit
removes the device from the XNOR tree test mode.
[7:1]
RES
R/W
Unused/reserved. Do not write to these bits.
1. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any further attempts to write to this register
have no effect.
Table 60. Register 0x70 — Remote 1 Temperature Offset (Power−On Default = 0x00)
Bit No.
R/W (Note 1)
Description
[7:0]
R/W
Allows a temperature offset to be automatically applied to the Remote 1 temperature channel measurement.
Bit 1 of Configuration Register 5 (0x7C) determines the range and resolution of this register.
1. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any further attempts to write to this register
have no effect.
Table 61. Register 0x71 — Local Temperature Offset (Power−On Default = 0x00)
Bit No.
R/W (Note 1)
Description
[7:0]
R/W
Allows a temperature offset to be automatically applied to the local temperature measurement. Bit 1 of
Configuration Register 5 (0x7C) determines the range and resolution of this register.
1. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any further attempts to write to this register
have no effect.
Table 62. Register 0x72 — Remote 2 Temperature Offset (Power−On Default = 0x00)
Bit No.
R/W (Note 1)
Description
[7:0]
R/W
Allows a temperature offset to be automatically applied to the Remote 2 temperature channel measurement.
Bit 1 of Configuration Register 5 (0x7C) determines the range and resolution of this register.
1. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any further attempts to write to this register
have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com