Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 72 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 72 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 67Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 68Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 69Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 70Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 71Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 72Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 73Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 74Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 75Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 72 / 75 page
background image
ADT7490
http://onsemi.com
72
Table 84. Register 0x8F — Dynamic TMIN Control Register 2 (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W (Note 1)
Description
[2:0]
CYR1
R/W
3−Bit Remote 1 Cycle Value. These three bits define the delay time between making
subsequent TMIN adjustments in the control loop for the Remote 1 channel in terms of
number of monitoring cycles. The system has associated thermal time constants that need to
be found to optimize the response of fans and the control loop.
Bit Code
Decrease Cycle
Increase Cycle
000
001
010
011
100
101
110
111
8 cycles (1 sec)
16 cycles (2 sec)
32 cycles (4 sec)
64 cycles (8 sec)
128 cycles (16 sec)
256 cycles (32 sec)
512 cycles (64 sec)
1024 cycles (128 sec)
16 cycles (2 sec)
32 cycles (4 sec)
64 cycles (8 sec)
128 cycles (16 sec)
256 cycles (32 sec)
512 cycles (64 sec)
1024 cycles (128 sec)
2048 cycles (256 sec)
[5:3]
CYL
R/W
3−Bit Local Temperature Cycle Value. These three bits define the delay time between making
subsequent TMIN adjustments in the control loop for the local temperature channel in terms of
number of monitoring cycles. The system has associated thermal time constants that need to
be found to optimize the response of fans and the control loop.
Bit Code
Decrease Cycle
Increase Cycle
000
001
010
011
100
101
110
111
8 cycles (1 sec)
16 cycles (2 sec)
32 cycles (4 sec)
64 cycles (8 sec)
128 cycles (16 sec)
256 cycles (32 sec)
512 cycles (64 sec)
1024 cycles (128 sec)
16 cycles (2 sec)
32 cycles (4 sec)
64 cycles (8 sec)
128 cycles (16 sec)
256 cycles (32 sec)
512 cycles (64 sec)
1024 cycles (128 sec)
2048 cycles (256 sec)
[7:6]
CYR2
R/W
2 LSBs of 3−Bit Remote 2 Cycle Value. The MSB of the 3−bit code resides in the Dynamic
TMIN Control Register 1 (Register 0x8E). These three bits define the delay time between
making subsequent TMIN adjustments in the control loop for the Remote 2 channel in terms
of number of monitoring cycles. The system has associated thermal time constants that need
to be found to optimize the response of fans and the control loop.
Bit Code
Decrease Cycle
Increase Cycle
000
001
010
011
100
101
110
111
8 cycles (1 sec)
16 cycles (2 sec)
32 cycles (4 sec)
64 cycles (8 sec)
128 cycles (16 sec)
256 cycles (32 sec)
512 cycles (64 sec)
1024 cycles (128 sec)
16 cycles (2 sec)
32 cycles (4 sec)
64 cycles (8 sec)
128 cycles (16 sec)
256 cycles (32 sec)
512 cycles (64 sec)
1024 cycles (128 sec)
2048 cycles (256 sec)
1. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any subsequent attempts to write to this
register fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com