Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 68 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 68 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 64Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 65Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 66Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 67Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 68Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 69Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 70Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 71Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 72Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 75 page
background image
ADT7490
http://onsemi.com
68
Table 73. Register 0x7D — Configuration Register 4 (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W (Note 1)
Description
[1:0]
Pin 14 Func
R/W
These bits set the functionality of Pin 14.
00 = TACH4 (default)
01 = THERM
10 = SMBALERT
11 = Reserved
[2]
THERM
Disable
R/W
THERM Disable = 0 enables THERM overtemperature output assuming THERM is correctly
configured (0x78, 0x7C, and 0x7D).
THERM Disable = 1 disables THERM overtemperature output on all channels. THERM can
also be disabled on any channel by:
Writing −64°C to the appropriate THERM temperature limit in Offset 64 mode.
Writing −128°C to the appropriate THERM temperature limit in twos complement mode.
[3]
Max/Full on
THERM
R/W
Max/Full on THERM = 0 indicates that fans go to 100% when THERM temperature limit is
exceeded.
Max/Full on THERM = 1 indicates that fans go to maximum speed (0x38, 0x39, 0x3A) when
THERM temperature limit is exceeded.
[4]
BpAtt
+2.5 VIN
R/W
Bypass +2.5VIN attenuator. When set, the measurement scale for this channel changes from
0 V (0x00) to 2.25 V (0xFF).
[5]
BpAtt VCCP
R/W
Bypass VCCP attenuator. When set, the measurement scale for this channel changes from
0 V (0x00) to 2.25 V (0xFF).
[6]
BpAtt
+5 VIN
R/W
Bypass +5 VIN attenuator. When set, the measurement scale for this channel changes from
0 V (0x00) to 2.25 V (0xFF).
[7]
BpAtt
+12 VIN
R/W
Bypass +12 VIN attenuator. When set, the measurement scale for this channel changes from
0 V (0x00) to 2.25 V (0xFF).
1. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any further attempts to write to this register
have no effect.
Table 74. Register 0x7E — Manufacturer’s Test Register 1 (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W (Note 1)
Description
[7:0]
Reserved
Read−only
Manufacturer’s test register. These bits are reserved for manufacturer’s test purposes and
should not be written to under normal operation.
1. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any further attempts to write to this register
have no effect.
Table 75. Register 0x7F — Manufacturer’s Test Register 2 (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W (Note 1)
Description
[7:0]
Reserved
Read−only
Manufacturer’s test register. These bits are reserved for manufacturer’s test purposes and
should not be written to under normal operation.
1. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any further attempts to write to this register
have no effect.
Table 76. Register 0x80 — GPIO Configuration Register (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W
Description
[1:0]
RES
Reserved
Reserved.
[2]
GPIO2
R/W
If GPIO2 is set to input, this register reflects the state of the pin. If GPIO2 is configured as an
output, writing to this register asserts the output high or low depending on the polarity.
[3]
GPIO1
R/W
If GPIO1 is set to input, this register reflects the state of the pin. If GPIO1 is configured as an
output, writing to this register asserts the output high or low depending on the polarity.
[4]
GPIO2 POL
R/W
GPIO2 polarity bit. Set to 0 for active low. Set to 1 for active high.
[5]
GPIO1 POL
R/W
GPIO1 polarity bit. Set to 0 for active low. Set to 1 for active high.
[6]
GPIO2 DIR
R/W
GPIO2 direction bit. Set to 1 for GPIO1 to act as an input, set to 0 for GPIO2 to act as an output.
[7]
GPIO1 DIR
R/W
GPIO1 direction bit. Set to 1 for GPIO1 to act as an input, set to 0 for GPIO1 to act as an output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com