Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 19 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 75 page
background image
ADT7490
http://onsemi.com
19
Table 11. Twos Complement Temperature Data Format
Temperature
Digital Output (10−Bit) (Note 1)
–128°C
1000 0000 00 (diode fault)
–63°C
1100 0001 00
–50°C
1100 1110 00
–25°C
1110 0111 00
–10°C
1111 0110 00
0°C
0000 0000 00
10.25°C
0000 1010 01
25.5°C
0001 1001 10
50.75°C
0011 0010 11
75°C
0100 1011 00
100°C
0110 0100 00
125°C
0111 1101 00
127°C
0111 1111 00
1. Bold numbers denote 2 LSBs of measurement in the Extended
Resolution 2 register (Register 0x77) with 0.25°C resolution.
Table 12. Offset 64 Data Format
Temperature
Digital Output (10−Bit) (Note 1)
–64°C
0000 0000 00 (diode fault)
–63°C
0000 0001 00
–1°C
0011 1111 00
0°C
0100 0000 00
1°C
0100 0001 00
10°C
0100 1010 00
25°C
0101 1001 00
50°C
0111 0010 00
75°C
1000 1001 00
100°C
1010 0100 00
125°C
1011 1101 00
191°C
1111 1111 00
1. Bold numbers denote 2 LSBs of measurement in the Extended
Resolution 2 register (Register 0x77) with 0.25°C resolution.
Thermal Diode Temperature Measurement Method
A simple method of measuring temperature is to exploit
the negative temperature coefficient of a diode, measuring
the base−emitter voltage (VBE) of a transistor operated at
constant current. Unfortunately, this technique requires
calibration to null out the effect of the absolute value of VBE,
which varies from device to device.
The technique used in the ADT7490 is to measure the
change in VBE when the device is operated at three different
currents. Previous devices have used only two operating
currents, but the use of a third current allows automatic
cancellation of resistances in series with the external
temperature sensor.
Figure 28 shows the input signal conditioning used to
measure the output of an external temperature sensor. This
figure shows the external sensor as a substrate transistor, but
it could equally be a discrete transistor, such as a
2N3904/2N3906.
If a discrete transistor is used, the collector is not grounded
and should be linked to the base. If a PNP transistor is used,
the base is connected to the D– input and the emitter to the
D+ input. If an NPN transistor is used, the emitter is
connected to the D– input and the base to the D+ input.
Figure 25 and Figure 26 show how to connect the ADT7490
to an NPN or PNP transistor for temperature measurement.
Figure 25. Measuring Temperature Using an
NPN Transistor
2N3904
NPN
ADT7490
D+
D–
Figure 26. Measuring Temperature Using a
PNP Transistor
2N3906
PNP
ADT7490
D+
D–
To prevent ground noise from interfering with the
measurement, the more negative terminal of the sensor is not
referenced to ground, but is biased above ground by an
internal diode at the D− input. C1 can optionally be added as
a noise filter (recommended maximum value of 1000 pF).
However, a better option in noisy environments is to add a
filter, as described in the section.
Remote Temperature Measurement
The ADT7490 can measure the temperature of two remote
diode sensors or diode−connected transistors connected to
Pin 10 and Pin 11, or Pin 12 and Pin 13.
The forward voltage of a diode or diode−connected
transistor operated at a constant current exhibits a negative
temperature coefficient of about −2 mV/
°C. Unfortunately,
the absolute value of VBE varies from device to device, and
individual calibration is required to null this out. Therefore,
the technique is unsuitable for mass production. The
technique used in the ADT7490 is to measure the change in
VBE when the device is operated at three different currents.
This is given by:
(eq. 2)
DVBE +
KT
q
In(N)
where:
k is the Boltzmann constant.
q is the charge on the carrier.
T is the absolute temperature in Kelvin.
N is the ratio of the two currents.
To measure
DVBE, the operating current through the
sensor is switched among three related currents. N1 x I and
N2 x I are different multiples of the current I, as shown in
Figure 27. The currents through the temperature diode are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com