Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 42 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 42 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 75 page
background image
ADT7490
http://onsemi.com
42
Bit 5 (MIN1) = 0, PWM1 is off (0% PWM duty cycle) when
the temperature is below TMIN − THYST.
Bit 5 (MIN1) = 1, PWM1 runs at PWM1 minimum duty
cycle below TMIN − THYST.
Configuration Register 6 (Register 0x10)
Bit 0 (SLOW) = 1, slows the ramp rate for PWM changes
associated with the Remote 1 temperature channel by 4.
Bit 1 (SLOW) = 1, slows the ramp rate for PWM changes
associated with the local temperature channel by 4.
Bit 2 (SLOW) = 1, slows the ramp rate for PWM changes
associated with the Remote 2 temperature channel by 4.
Bit 7 (ExtraSlow) = 1, slows the ramp rate for all fans by a
factor of 39.2%.
The following sections list the ramp−up times when the
SLOW bit is set for each temperature monitoring channel.
Enhanced Acoustics Register 1 (Register 0x62)
Bits [2:0] ACOU, selects the ramp rate for PWM outputs
associated with the Remote Temperature 1 input.
000 = 37.5 sec
001 = 18.8 sec
010 = 12.5 sec
011 = 7.5 sec
100 = 4.7 sec
101 = 3.1 sec
110 = 1.6 sec
111 = 0.8 sec
Enhanced Acoustics Register 2 (Register 0x63)
Bits [2:0] ACOU3, selects the ramp rate for PWM outputs
associated with the local temperature channel.
000 = 37.5 sec
001 = 18.8 sec
010 = 12.5 sec
011 = 7.5 sec
100 = 4.7 sec
101 = 3.1 sec
110 = 1.6 sec
111 = 0.8 sec
[6:4] ACOU2, selects the ramp rate for PWM outputs
associated with the Remote Temperature 2 input.
000 = 37.5 sec
001 = 18.8 sec
010 = 12.5 sec
011 = 7.5 sec
100 = 4.7 sec
101 = 3.1 sec
110 = 1.6 sec
111 = 0.8 sec
When Bit 7 of Configuration Register 6 (0x10) = 1, the
preceding ramp rates change to
000 = 52.2 sec
001 = 26.1 sec
010 = 17.4 sec
011 = 10.4 sec
100 = 6.5 sec
101 = 4.4 sec
110 = 2.2 sec
111 = 1.1 sec
Setting the appropriate SLOW Bit 2, Bit 1, or Bit 0 of
Configuration Register 6 (0x10) slows the ramp rate
further by a factor of 4.
Programming the GPIOs
The ADT7490 has two dedicated GPIOs (Pin 5 and
Pin 6).The direction (input or output) and polarity (active
high or active low) of the GPIOs is set in the GPIO
Configuration Register (0x80). Bit 2 and Bit 3 of Register
0x80 also reflect the state of the GPIO pins when configured
as inputs and assert the GPIO pins when configured as
outputs.
XNOR Tree Test Mode
The ADT7490 includes an XNOR tree test mode. This
mode is useful for in−circuit test equipment at board−level
testing. By applying stimulus to the pins included in the
XNOR tree, it is possible to detect opens, or shorts, on the
system board.
The XNOR tree test is invoked by setting Bit 0 (XEN) of
the XNOR Tree Test Enable register (Register 0x6F).
Figure 61 shows the signals that are exercised in the
XNOR tree test mode.
Figure 61. XNOR Tree Test
PWM1/XTO
PWM3
PWM2
TACH4
TACH3
TACH2
TACH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com