Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 9 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
ADT7490
http://onsemi.com
9
TYPICAL CHARACTERISTICS
Figure 11. Remote Temperature Error vs. Power
Supply Noise Frequency
Figure 12. Temperature Error vs. Common−Mode
Noise Frequency
Figure 13. Temperature Error vs. Differential Mode
Noise Frequency
Figure 14. Temperature Error vs. Capacitance
Between D+ and D−
Figure 15. TACH Accuracy vs. Supply Voltage
Figure 16. TACH Accuracy vs. Temperature
0.6
0.4
0.2
–0.4
–0.6
–1.2
100mV
250mV
0
100
200
300
400
500
600
POWER SUPPLY NOISE FREQUENCY (MHz)
0
–0.2
–0.8
–1.0
20
15
10
5
–10
0
100
200
300
400
500
600
COMMON−MODE NOISE FREQUENCY (MHz)
100mV
40mV
60mV
0
–5
160
100
80
60
40
20
0
100
200
300
400
500
600
DIFFERENTIAL MODE NOISE FREQUENCY (MHz)
60mV
40mV
100mV
140
120
0
−20
5
–10
–15
–20
–25
–30
–35
2
06
410
8
121416
1820
22
CAPACITANCE (nF)
DEV 3
DEV 2
DEV 1
0
–5
1.5
–1.0
–1.5
–2.0
3.0
3.1
3.2
3.3
3.4
3.5
3.6
VDD (V)
DEV 2
DEV 3
DEV 1
1.0
0.5
–0.5
0
8
–8
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (5C)
DEV 1
DEV 3
DEV 2
6
4
2
0
–6
–4
–2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com