Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 54 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 54 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 52Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 53Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 54Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 55Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 56Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 57Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 58Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 75 page
background image
ADT7490
http://onsemi.com
54
Table 39. Register 0x41 — Interrupt Status Register 1 (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W
Description
[0]
+2.5 VIN/
THERM
Read−only
+2.5 VIN = 1 indicates that the 2.5 VIN high or low limit has been exceeded. This bit is cleared
on a read of the status register only if the error condition has subsided. If Pin 22 is configured
as THERM, this bit is asserted when the timer limit has been exceeded.
[1]
VCCP
Read−only
VCCP = 1 indicates that the VCCP high or low limit has been exceeded. This bit is cleared on
a read of the status register only if the error condition has subsided.
[2]
VCC
Read−only
VCC = 1 indicates that the VCC high or low limit has been exceeded. This bit is cleared on a
read of the status register only if the error condition has subsided.
[3]
+5 VIN
Read−only
+5 VIN = 1 indicates that the 5 VIN high or low limit has been exceeded. This bit is cleared on
a read of the status register only if the error condition has subsided.
[4]
R1T
Read−only
R1T = 1 indicates that the Remote 1 low or high temperature has been exceeded. This bit is
cleared on a read of the status register only if the error condition has subsided.
[5]
LT
Read−only
LT = 1 indicates that the local low or high temperature has been exceeded. This bit is cleared
on a read of the status register only if the error condition has subsided.
[6]
R2T
Read−only
R2T = 1 indicates that the Remote 2 low or high temperature has been exceeded. This bit is
cleared on a read of the status register only if the error condition has subsided.
[7]
OOL
Read−only
OOL = 1 indicates that an out−of−limit event has been latched in Interrupt Status Register 2
(0x42). This bit is a logical OR of all status bits in Interrupt Status Register 2. Software can
test this bit in isolation to determine whether any of the voltage, temperature, or fan speed
readings represented by Interrupt Status Register 2 are out−of−limit, which eliminates the
need to read Interrupt Status Register 2 during every interrupt or polling cycle.
Table 40. Register 0x42 — Interrupt Status Register 2 (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W
Description
[0]
+12 VIN
Read−only
+12 VIN = 1 indicates that the 12 VIN high or low limit has been exceeded. This bit is cleared
on a read of the status register only if the error condition has subsided.
[1]
OOL
Read−only
OOL = 1 indicates that an out−of−limit event has been latched in Interrupt Status Register 3
(0x43). This bit is a logical OR of all status bits in Interrupt Status Register 3. Software can
test this bit in isolation to determine whether any of the voltage, temperature, or fan speed
readings represented by Interrupt Status Register 3 are out−of−limit, which eliminates the
need to read Interrupt Status Register 3 during every interrupt or polling cycle.
[2]
FAN1
Read−only
FAN1 = 1 indicates that Fan 1 has dropped below minimum speed or has stalled. This bit is
not set when the PWM1 output is off.
[3]
FAN2
Read−only
FAN2 = 1 indicates that Fan 2 has dropped below minimum speed or has stalled. This bit is
not set when the PWM2 output is off.
[4]
FAN3
Read−only
FAN3 = 1 indicates that Fan 3 has dropped below minimum speed or has stalled. This bit is
not set when the PWM3 output is off.
[5]
FAN4/
THERM
Read−only
When Pin 14 is programmed as a TACH4 input, FAN4 = 1 indicates that Fan 4 has dropped
below minimum speed or has stalled. This bit is not set when the PWM3 output is off.
If Pin 14 is configured as the THERM timer input for THERM monitoring, this bit is set when
the THERM assertion time exceeds the limit programmed in the THERM timer limit register
(Register 0x7A).
[6]
D1 FAULT
Read−only
D1 FAULT = 1 indicates either an open or short circuit on the Thermal Diode 1 inputs.
[7]
D2 FAULT
Read−only
D2 FAULT = 1 indicates either an open or short circuit on the Thermal Diode 2 inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com