Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 52 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 52 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 52Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 53Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 54Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 55Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 56Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 75 page
background image
ADT7490
http://onsemi.com
52
Table 35. Register 0x3C — PECI TRANGE/Enhanced Acoustics Register (Power−On Default = 0xC0)
Bit No.
Mnemonic
R/W (Note 1)
Description
[2:0]
ACOU
R/W
Assuming that PWMx is associated with the PECI channel, these bits define the maximum
rate of change of the PWMx output for PECI temperature−related changes. Instead of the fan
speed jumping instantaneously to its newly determined speed, it ramps gracefully at the rate
determined by these bits. This feature ultimately enhances the acoustics of the fan. The
smoothing times below are based on a refresh rate of the round robin cycle. The PECI data,
for 0% to 100%, must be multiplied each time by:
PECI Refresh Rate
Round Robin Cycle
where the PECI refresh rate is defined in Register 0x36 and the round robin cycle is typically
165 ms.
When Bit 7 of Configuration Register 6 (0x10) is 0
Bit Code
Time for 0% to 100%
000 = 1
001 = 2
010 = 3
011 = 4
100 = 8
101 = 12
110 = 24
111 = 48
37.5 sec
18.8 sec
12.5 sec
7.5 sec
4.7 sec
3.1 sec
1.6 sec
0.8 sec
[2:0]
ACOU
R/W
When Bit 7 of Configuration Register 6 (0x10) is 1
Bit Code
Time for 0% to 100%
000 = 1
001 = 2
010 = 3
011 = 4
100 = 8
101 = 12
110 = 24
111 = 48
52.2 sec
26.1 sec
17.4 sec
10.4 sec
6.5 sec
4.4 sec
2.2 sec
1.1 sec
[3]
ENP
R/W
When this bit is set to 1, smoothing is enabled on the PECI channel allowing enhanced
acoustics on the associated PWM output.
[7:4]
RANGE
R/W
These bits determine the PWM duty cycle vs. the temperature range for automatic fan
control.
Bit Code
Temperature
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
2°C
2.5°C
3.33°C
4°C
5°C
6.67°C
8°C
10°C
13.33°C
16°C
20°C
26.67°C
32°C (default)
40°C
53.33°C
80°C
1. This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any subsequent attempts to write to this
register fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com