Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 37 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 37 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 75 page
background image
ADT7490
http://onsemi.com
37
Figure 51. Operating Two Different Fans from a
Single Temperature Channel
TEMPERATURE
TMIN
100%
PWM1MIN
0%
PWM1
PWM2
PWM2MIN
Programming the PWMMIN Registers
The PWMMIN registers are 8−bit registers that allow the
minimum PWM duty cycle for each output to be configured
anywhere from 0% to 100%. This allows the minimum
PWM duty cycle to be set in steps of 0.39%.
The value to be programmed into the PWMMIN register is
given by:
Value (decimal) = PWMMIN/0.39%
Example 1
For a minimum PWM duty cycle of 50%,
Value (decimal) = 50%/0.39% = 128 (decimal)
Value = 128 (decimal) or 0x80 (hexadecimal)
Example 2
For a minimum PWM duty cycle of 33%,
Value (decimal) = 33%/0.39% = 85 (decimal)
Value = 85 (decimal) or 0x54 (hexadecimal)
PWMMIN Registers
Register 0x64, PWM1 Minimum Duty Cycle = 0x80 (50% default)
Register 0x65, PWM2 Minimum Duty Cycle = 0x80 (50% default)
Register 0x66, PWM3 Minimum Duty Cycle = 0x80 (50% default)
Note on Fan Speed and PWM Duty Cycle
The PWM duty cycle does not directly correlate to fan
speed in RPM. Running a fan at 33% PWM duty cycle does
not equate to running the fan at 33% speed. Driving a fan at
33% PWM duty cycle actually runs the fan at closer to 50%
of its full speed. This is because fan speed in %RPM
generally relates to the square root of PWM duty cycle.
Given a PWM square wave as the drive signal, fan speed in
RPM approximates to
% fanspeed + PWM Duty Cycle
10
(eq. 7)
Step 5: PWMMAX for PWM (Fan) Outputs
PWMMAX is the maximum duty cycle that each fan in the
system runs at under the automatic fan speed control loop.
For maximum system acoustic benefit, PWMMAX should be
as low as possible, but should be capable of maintaining the
processor temperature limit at an acceptable level. If the
THERM temperature limit is exceeded, the fans are still
boosted to 100% for fail−safe cooling.
There is a PWMMAX limit for each fan channel. The
default value of this register is 0xFF and has no effect unless
it is programmed.
Figure 52. PWMMAX Determines Maximum PWM Duty
Cycle Below the THERM Temperature Limit
TEMPERATURE
TMIN
100%
PWMMIN
0%
PWMMAX
Programming the PWMMAX Registers
The PWMMAX registers are 8−bit registers that allow the
maximum PWM duty cycle for each output to be configured
anywhere from 0% to 100%. This allows the maximum
PWM duty cycle to be set in steps of 0.39%.
The value to be programmed into the PWMMAX register
is given by
Value (decimal) = PWMMAX/0.39%
Example 1
For a maximum PWM duty cycle of 50%,
Value (decimal) – 50%/0.39% = 128 (decimal)
Value = 128 (decimal) or 0x80 (hexadecimal)
Example 2
For a minimum PWM duty cycle of 75%,
Value (decimal) = 75%/0.39% = 85 (decimal)
Value = 192 (decimal) or 0xC0 (hexadecimal)
PWMMAX Registers
Register 0x38, Maximum PWM1 Duty Cycle = 0xFF (100% default)
Register 0x39, Maximum PWM2 Duty Cycle = 0xFF (100% default)
Register 0x3A, Maximum PWM3 Duty Cycle = 0xFF (100% default)
Step 6: TRANGE for Temperature Channels
TRANGE is the range of temperature over which automatic
fan control occurs once the programmed TMIN temperature
has been exceeded. TRANGE is the temperature range between
PWMMIN and 100% PWM where the fan speed changes
linearly. Otherwise stated, it is the line drawn between the
TMIN/PWMMIN and the (TMIN + TRANGE)/100% PWM
intersection points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com