Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7490ARQZ-R7 Datasheet(PDF) 29 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 75 page
background image
ADT7490
http://onsemi.com
29
Figure 38. Driving a 4−Wire Fan
ADT7490
TACH
PWM
12V, 4−WIRE FAN
3.3V
12V 12V
2k
4.7k
VCC
TACH
TACH
PWM
10kW
10kW
W
W
Driving Two Fans from PWM3
The ADT7490 has four TACH inputs available for fan
speed measurement, but only three PWM drive outputs. If a
fourth fan is being used in the system, it should be driven
from the PWM3 output in parallel with the third fan.
Figure 39 shows how to drive two fans in parallel using
low cost NPN transistors. Figure 40 shows the equivalent
circuit using a MOSFET.
Because the MOSFET can handle up to 3.5 A, it is simply
a matter of connecting another fan directly in parallel with
the first. Care should be taken in designing drive circuits
with transistors and FETs to ensure the PWM outputs are not
required to source current, and that they sink less than the
5 mA maximum current specified in the data sheet.
Driving up to Three Fans from PWM3
TACH measurements for fans are synchronized to
particular PWM channels; for example, TACH1 is
synchronized to PWM1. TACH3 and TACH4 are both
synchronized to PWM3, so PWM3 can drive two fans.
Alternatively, PWM3 can be programmed to synchronize
TACH2, TACH3, and TACH4 to the PWM3 output. This
allows PWM3 to drive two or three fans. In this case, the
drive circuitry looks the same, as shown in Figure 39 and
Figure 40. The SYNC bit in Register 0x62 enables this
function.
Synchronization is not required in high frequency mode
when used with 4−wire fans.
SYNC, Enhanced Acoustics Register 1 (Register 0x62)
Bit 4 (SYNC) = 1, synchronizes TACH2, TACH3, and
TACH4 to PWM3.
Figure 39. Interfacing Two Fans in Parallel to the
PWM3 Output Using Low Cost NPN Transistors
ADT7490
PWM3
3.3V
3.3V
12V
Q1
MMBT3904
Q2
MMBT2222
2.2k
1k
TACH3
TACH4
3.3V
3.3V
10kW
10kW
W
W
Q3
MMBT2222
ADT7490
PWM3
TACH3
TACH4
3.3V
3.3V
3.3V
+V
+V
TACH
TACH
Q1
NDT3055L
1N4148
5V OR
12V FAN
5V OR
12V FAN
10kΩ
TYPICAL
10kΩ
TYPICAL
10kΩ
TYPICAL
3.3V
3.3V
Figure 40. Interfacing Two Fans in Parallel to the
PWM3 Output Using a Single N−Channel MOSFET
Laying Out 3−Wire Fans
Figure 41 shows how to lay out a common circuit
arrangement for 3−wire fans.
Figure 41. Planning for 3−Wire Fans on a PCB
Q1
MMBT2222
R2
R1
R3
R4
PWM
1N4148
3.3V OR 5V
12V OR 5V
TACH
TACH Inputs
Pin 9, Pin 11, Pin 12, and Pin 14 (when configured as
TACH inputs) are high impedance inputs intended for fan
speed measurement.
Signal conditioning in the ADT7490 accommodates the
slow rise and fall times typical of fan tachometer outputs. The
maximum input signal range is 0 V to 3.6 V, even though VCC
is 3.3 V. In the event that these inputs are supplied from fan
outputs that exceed 0 V to 3.6 V, either resistive attenuation
of the fan signal or diode clamping must be included to keep
inputs within an acceptable range.
Figure 42 to Figure 45 show circuits for the most common
fan TACH outputs.
If the fan TACH output has a resistive pullup to VCC, it can
be connected directly to the fan input, as shown in Figure 42.
Figure 42. Fan with TACH Pullup to VCC
12V
VCC
PULLUP
4.7k
TYP
TACH
OUTPUT
FAN SPEED
COUNTER
TACH
ADT7490
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com