Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 45 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 45 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 46Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 47Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 48Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 49Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
Rev. 1.00
44
����st 1�� �011
Rev. 1.00
45
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Timer/Event Counter
The provision of timers form an important part of any microcontroller, giving the designer a means
of carrying out time related functions. The device contains two count-up timer of 8-bit capacity. As
the timers have three different operating modes, they can be configured to operate as a general timer,
an external event counter or as a pulse width capture device. The provision of an internal prescaler
to the clock circuitry on giving added range to the timers.
There are two types of registers related to the Timer/Event Counters. The first is the register that
contains the actual value of the timer and into which an initial value can be preloaded. Reading
from this register it retrieves the contents of the Timer/Event Counter. The second type of associated
register is the Timer Control Register which defines the timer options and determines how the timer
is to be used. The device can have the timer clock configured to come from the internal clock source.
In addition, the timer clock source can also be configured to come from an external timer pin.
Configuring the Timer/Event Counter Input Clock Source
The Timer/Event Counter clock source can originate from various sources, an internal clock or an
external pin. The internal clock source is used when the timer is in the timer mode or in the pulse
width capture mode, this internal clock source is firstly divided by a prescaler, the division ratio of
which is conditioned by the Timer Control Register bits T0PS2~T0PS0. For Timer/Event Counter 0,
the internal clock source can be fSYS, PFD0 or the LXT Oscillator, the choice of which is determined
by the T0S[1:0] bit in the CTRL1 register. For Timer/Event Counter 1, the clock source can be fSYS/4
or the LXT Oscillator, the choice of which is determined by the T1S bit in the TMR1C register.An
external clock source is used when the timer is in the event counting mode, the clock source being
provided on an external timer pin TCn. Depending upon the condition of the TnEG bit, each high to
low, or low to high transition on the external timer pin will increment the counter by one.
LCD Clock Prescaler
Time Base 0
Time Base 1
B�zzer
MUX
LIRC
fSYS/4
LXT
Confi�. OPT
fs clock so�rce
fS
LCD Driver
Time Base 0 interr�pt period
Time Base 1 interr�pt period
B�zzer
MU X
f TP
f SYS
f LX T
PW MC 1
PW MC 0
T0 S0
T0 PS [2 :0 ]
7 St age Co un te r
To T im er 0 i nt er na l cl oc k
8- 1 MU X
7
PF D0
T0 S1
Clock Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com