Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
Rev. 1.00
16
����st 1�� �011
Rev. 1.00
17
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
Progam Memory
The Program Memory is the location where the user code or program is stored. The device is
supplied with One-Time Programmable, OTP, memory where users can program their application
code into the device. By using the appropriate programming tools, OTP device offers users the
flexibility to freely develop their applications which may be useful during debug or for products
requiring frequent upgrades or program changes.
Structure
The Program Memory has a capacity of 4k×16. The Program Memory is addressed by the Program
Counter and also contains data, table information and interrupt entries information. Table data,
which can be setup in any location within the Program Memory, is addressed by separate table
pointer registers.
FFFH
16 bits
Time Base 1
Interrupt
Time Base 0
Interrupt
A/D
Interrupt
Timer 1
Interrupt
Timer 0
Interrupt
Multi-Function
Interrupt
Reset
Program Memory Structure
Special Vectors
Within the Program Memory, certain locations are reerved for special usage such as reset and
interrupts.
● Reset Vector
This vector is reserved for use by the device reset for program initialisation. After a device reset is
initiated, the program will jump to this location and begin execution.
● External interrupt vector
This vector is used by the external interrupt. If the external interrupt pin on the device receives an
edge transition, the program will jump to this location and begin execution if the external interrupt
is enabled anthe stack is not full. The external interrupt active edg transition type, whether high to
low, low to high or both is specified in the INTEG register.
● Timer/Event 0/1 counter interrupt vector
This internal vector is used by the Timer/Event Counters. If a Timer/Event Counter overflow
occurs, the program will jump to its respective location and begin execution if the associated
Timer/Event Counter interrupt is enabled and the stack is not full.
● Time base 0/1 interrupt vector
This internal vector is used by the internal Time Base 0/1. If a Time Base overflow occurs, the
program will jump to this location and begin execution if the Time Base counter interrupt is
enabled and the stack is not full.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com