Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 92 page
background image
Rev. 1.00
36
����st 1�� �011
Rev. 1.00
37
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
have the value of 01010101B. Note that the LVR function will be automatically disabled when the
device enters power down mode.
LV R
In te r nal R es et
t RS TD + t SST
Low Voltage Reset Timing Chart
LVRC Register
Bit
7
6
5
4
3
2
1
0
Name
LVS7
LVS6
LVS5
LVS4
LVS3
LVS�
LVS1
LVS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
1
0
1
0
1
0
1
Bit 7~0
LVS7~LVS0: LVR Voltage Select control
01010101: 2.1V
00110011: 2.55V
10011001: 3.15V
10101010: 3.8V
Any other value: Generates MCU reset – register is reset to POR value
When an actual low voltage condition occurs, as specified by one of the four defined
LVR voltage values above, an MCU reset will be generated. The reset operation will
be activated after 2~3 LIRC clock cycles. In this situation the register contents will
remain the same after such a reset occurs.
Any register value, other than the four defined LVR values above, will also result in
the generation of an MCU reset. The reset operation will be activated after 2~3 LIRC
clock cycles. However in this situation the register contents will be reset to the POR
value.
CTRL3 Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
LVRF
LRF
WRF
R/W
—
—
—
—
—
R/W
R/W
R/W
POR
—
—
—
—
—
x
0
0
Bit 7~3
“—”: Unimplemented, read as 0
Bit 2
LVRF: LVR function reset flag
0: Not occur
1: Occurred
This bit is set to 1 when a specific Low Voltage Reset situation condition occurs. This
bit can only be cleared to 0 by the application program.
Bit 1
LRF: LVR Control register software reset flag
0: Not occur
1: Occurred
This bit is set to 1 if the LVRC register contains any non defined LVR voltage register
values. This in effect acts like a software reset function. This bit can only be cleared to
0 by the application program.
Bit 0
WRF: WDT Control register software reset flag
Describe elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com