Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 87 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 87 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 83Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 84Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 85Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 86Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 87Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 88Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 89Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 90Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 91Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
Rev. 1.00
86
����st 1�� �011
Rev. 1.00
87
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Rotate Data Memory ri�ht thro��h Carry with res�lt in �CC
Data in the specified Data Memory and the carry flag are rotated right by 1 bit. Bit
0 replaces the Carry bit and the original carry flag is rotated into bit 7. The rotated
res�lt is stored in the �cc�m�lator and the contents of the Data Memory remain
�nchan�ed.
�CC.i ← [m].(i+1); (i = 0~6)
�CC.7 ← C
C ← [m].0
C
S�btract Data Memory from �CC with Carry
The contents of the specified Data Memory and the complement of the carry flag
are s�btracted from the �cc�m�lator. The res�lt is stored in the �cc�m�lator. Note
that if the result of subtraction is negative, the C flag will be cleared to 0, otherwise
if the result is positive or zero, the C flag will be set to 1.
�CC ← �CC ― [m] ― C
OV� Z� �C� C
S�btract Data Memory from �CC with Carry and res�lt in Data Memory
The contents of the specified Data Memory and the complement of the carry flag
are s�btracted from the �cc�m�lator. The res�lt is stored in the Data Memory. Note
that if the result of subtraction is negative, the C flag will be cleared to 0, otherwise
if the result is positive or zero, the C flag will be set to 1.
�CC ← �CC ― [m] ― C
OV� Z� �C� C
Skip if decrement Data Memory is 0
The contents of the specified Data Memory are first decremented by 1. If the result
is 0 the followin� instr�ction is skipped. �s this req�ires the insertion of a d�mmy
instr�ction while the next instr�ction is fetched� it is a two cycle instr�ction. If the
res�lt is not 0 the pro�ram proceeds with the followin� instr�ction.
[m] ← [m] ― 1
Skip if [m] = 0
None
Skip if decrement Data Memory is zero with res�lt in �CC
The contents of the specified Data Memory are first decremented by 1. If the result
is 0� the followin� instr�ction is skipped. The res�lt is stored in the �cc�m�lator
but the specified Data Memory contents remain unchanged. As this requires the
insertion of a d�mmy instr�ction while the next instr�ction is fetched� it is a two
cycle instr�ction. If the res�lt is not 0� the pro�ram proceeds with the followin�
instr�ction.
�CC ← [m] ― 1
Skip if �CC = 0
None
RRCA [m]
Description
Operation
Affected flag(s)
SBC A,[m]
Description
Operation
Affected flag(s)
SBCM A,[m]
Description
Operation
Affected flag(s)
SDZ [m]
Description
Operation
Affected flag(s)
SDZA [m]
Description
Operation
Affected flag(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com