Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
Rev. 1.00
1�
����st 1�� �011
Rev. 1.00
13
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Power-on Reset Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VPOR
VDD Start Volta�e to Ens�re Power-on Reset
—
—
—
—
100
mV
RRVDD
VDD Raisin� Rate to Ens�re Power-on Reset
—
—
0.035
—
—
V/ms
tPOR
Minim�m Time for VDD Stays at VPOR to Ens�re
Power-on Reset
—
—
1
—
—
ms
Ti me
V DD
V PO R
RR VD D
t PO R
System Architecture
A key factor in the high-performance features of the Holtek range of microcontrollers is attributed
to their internal system architecture. The range of device takes advantage of the usual features found
within RISC microcontrollers providing increased speed of operation and enhanced performance.
The pipelining scheme is implemented in such a way that instruction fetching and instruction
execution are overlapped, hence instructions are effectively executed in one cycle, with the
exception of branch or call instructions. An 8-bit wide ALU is used in practically all instruction set
operations, which carries out arithmetic operations, logic operations, rotation, increment, decrement,
branch decisions, etc. The internal data path is simplified by moving data through the Accumulator
and the ALU. Certain internal registers are implemented in the Data Memory and can be directly
or indirectly addressed. The simple addressing methods of these registers along with additional
architectural features ensure that a minimum of external components is required to provide a
functional I/O and A/D control system with maximum reliability and flexibility. This makes the
device suitable for low-cost, high-volume production for controller applications.
Clocking and Pipelining
The main system clock, derived from HXT, LXT, HIRC, or ERC oscillator is subdivided into four
internally generated non-overlapping clocks, T1~T4. The Program Counter is incremented at the
beginning of the T1 clock during which time a new instruction is fetched. The remaining T2~T4
clocks carry out the decoding and execution functions. In this way, one T1~T4 clock cycle forms
one instruction cycle. Although the fetching and execution of instructions takes place in consecutive
instruction cycles, the pipelining structure of the microcontroller ensures that instructions are
effectively executed in one instruction cycle. The exception to this are instructions where the
contents of the Program Counter are changed, such as subroutine calls or jumps, in which case the
instruction will take one more instruction cycle to execute.
For instructions involving branches, such as jump or call instructions, two instruction cycles are
required to complete instruction execution. An extra cycle is required as the program takes one
cycle to firstly obtain the actual jump or call address and then another cycle to actually execute the
branch. The requirement for this extra cycle should be taken into account by programmers in timing
sensitive applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com