Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 91 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 91 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 84Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 85Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 86Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 87Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 88Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 89Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 90Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 91Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 92Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 91 / 92 page
background image
Rev. 1.00
90
����st 1�� �011
Rev. 1.00
91
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Package Information
44-pin QFP (10mm×10mm) Outline Dimensions
34
11
1
44
A
B
22
12
E
F
G
H
I
J
K
=
33
23
C
D
L
Symbol
Dimensions in inch
Min.
Nom.
Max.
�
0.51�
―
0.5�8
B
0.390
―
0.398
C
0.51�
―
0.5�8
D
0.390
―
0.398
E
―
0.031
―
F
―
0.01�
―
G
0.075
―
0.087
H
―
―
0.106
I
0.010
―
0.0�0
J
0.0�9
―
0.037
K
0.004
―
0.008
L
―
0.004
―
α
0°
―
7°
Symbol
Dimensions in mm
Min.
Nom.
Max.
�
13.00
―
13.40
B
9.90
―
10.10
C
13.00
―
13.40
D
9.90
―
10.10
E
―
0.80
―
F
―
0.30
―
G
1.90
―
�.�0
H
―
―
�.70
I
0.�5
―
0.50
J
0.73
―
0.93
K
0.10
―
0.�0
L
―
0.10
―
α
0°
―
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com