Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
Rev. 1.00
�8
����st 1�� �011
Rev. 1.00
�9
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
External RC Oscillator – ERC
Using the ERC oscillator only requires that a resistor, with a value between 24kΩ and 1.5MΩ,
is connected between OSC1 and VDD, and a capacitor is connected between OSC and ground,
providing a low cost oscillator configuration. It is only the external resistor that determines the
oscillation frequency; the external capacitor has no influence over the frequency and is connected
for stability purposes only. Device trimming during the manufacturing process and the inclusion of
internal frequency compensation circuits are used to ensure that the influence of the power supply
voltage, temperature and process variations on the oscillation frequency are minimised. Here only
the OSC1 pin is used and leaving OSC2 as a general I/O Port.
PA6 /O SC 1
470pF
V DD
R OS C
PA5 /O SC 2
External RC Oscillator – ERC
Internal RC Oscillator – HIRC
The internal RC oscillator is a fully integrated system oscillator requiring no external components.
The internal RC oscillator has three fixed frequencies of either 4MHz, 8MHz or 12MHz. Device
trimming during the manufacturing process and the inclusion of internal frequency compensation
circuits are used to ensure that the influence of the power supply voltage, temperature and process
variations on the oscillation frequency are minimised. Note that if this internal system clock option
is selected, as it requires no external pins for its operation.
Internal RC
Oscillator
PA5/OSC2
PA6/OSC1
Internal RC Oscillator – HIRC
External 32768Hz Crystal Oscillator – LXT
When the microcontroller enters the Idle/Sleep Mode, the system clock is switched off to stop
microcontroller activity and to conserve power. However, in many microcontroller applications it
may be necessary to keep the internal timers operational even when the microcontroller is in the
Power-down Mode. To do this, another clock, independent of the system clock, must be provided.
To do this a configuration option exists to allow a high speed oscillator to be used in conjunction
with a low speed oscillator, known as the LXT oscillator. The LXT oscillator is implemented using
a 32768Hz crystal connected to pins XT1/XT2. However, for some crystals, to ensure oscillation
and accurate frequency generation, it is necessary to add two small value external capacitors, C1 and
C2. The exact values of C1 and C2 should be selected in consultation with the crystal or resonator
manufacturer’s specification. The external parallel feedback resistor, Rp, is required. The LXT
oscillator must be used together with the HXT, ERC or HIRC register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com