Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 82 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 82 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 78Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 79Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 80Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 81Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 82Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 83Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 84Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 85Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 86Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
Rev. 1.00
8�
����st 1�� �011
Rev. 1.00
83
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
S�bro�tine call
Unconditionally calls a subroutine at the specified address. The Program Counter
then increments by 1 to obtain the address of the next instr�ction which is then
p�shed onto the stack. The specified address is then loaded and the pro�ram
contin�es exec�tion from this new address. �s this instr�ction req�ires an
additional operation� it is a two cycle instr�ction.
Stack ← Pro�ram Co�nter + 1
Pro�ram Co�nter ← addr
None
Clear Data Memory
Each bit of the specified Data Memory is cleared to 0.
[m] ← 00H
None
Clear bit of Data Memory
Bit i of the specified Data Memory is cleared to 0.
[m].i ← 0
None
Clear Watchdo� Timer
The TO, PDF flags and the WDT are all cleared.
WDT cleared
TO ← 0
PDF ← 0
TO� PDF
Pre-clear Watchdo� Timer
The TO, PDF flags and the WDTare all cleared. Note that this instruction works in
conj�nction with CLR WDT� and m�st be exec�ted alternately with CLR WDT�
to have effect. Repetitively exec�tin� this instr�ction witho�t alternately exec�tin�
CLR WDT� will have no effect.
WDT cleared
TO ← 0
PDF ← 0
TO� PDF
Pre-clear Watchdo� Timer
The TO, PDF flags and the WDTare all cleared. Note that this instruction works in
conj�nction with CLR WDT1 and m�st be exec�ted alternately with CLR WDT1
to have effect. Repetitively exec�tin� this instr�ction witho�t alternately exec�tin�
WDT cleared
TO ← 0
PDF ← 0
TO� PDF
CALL addr
Description
Operation
Affected flag(s)
CLR [m]
Description
Operation
Affected flag(s)
CLR [m].i
Description
Operation
Affected flag(s)
CLR WDT
Description
Operation
Affected flag(s)
CLR WDT1
Description
Operation
Affected flag(s)
CLR WDT2
Description
Operation
Affected flag(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com