Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 65 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 65 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 61Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 62Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 63Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 64Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 65Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 66Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 67Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 68Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 69Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
Rev. 1.00
64
����st 1�� �011
Rev. 1.00
65
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Interrupts
Interrupts are an important part of any microcontroller system. When an external event or an
internal function such as a Timer/Event Counter or Time Base require microcontroller attention,
their corresponding interrupt will enforce a temporary suspension of the main program allowing the
microcontroller to direct attention to their respective needs.
The device contains four external interrupts and multiple internal interrupts. The external interrupts
are controlled by the action of the external interrupt pins, while the internal interrupt is controlled by
the Timer/Event Counters and Time Base overflows.
Interrupt Registers
Overall interrupt control, which means interrupt enabling and request flag setting, is controlled by
using three registers, INTC0, INTC1 and MFIC. By controlling the appropriate enable bits in these
registers each individual interrupt can be enabled or disabled. Also when an interrupt occurs, the
corresponding request flag will be set by the microcontroller. The global enable flag cleared to zero
will disable all interrupts.
INTEG Register
Bit
7
6
5
4
3
2
1
0
Name
INT3S1
INT3S0
INT�S1
INT�S0
INT1S1
INT1S0
INT0S1
INT0S0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
0
1
0
1
0
1
0
Bit 7~6
INT3S1, INT3S0: Interrupt edge control for INT3 pin
00: disable
01: rising edge
10: falling edge
11: both rising and falling edge
Bit 5~4
INT2S1, INT2S0: Interrupt edge control for INT2 pin
00: disable
01: rising edge
10: falling edge
11: both rising and falling edge
Bit 3~2
INT1S1, INT1S0: Interrupt edge control for INT1 pin
00: disable
01: rising edge
10: falling edge
11: both rising and falling edge
Bit 1~0
INT0S1, INT0S0: Interrupt edge control for INT0 pin
00: disable
01: rising edge
10: falling edge
11: both rising and falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com