Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 42 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 42 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 46Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
Rev. 1.00
4�
����st 1�� �011
Rev. 1.00
43
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
I/O Port Control Registers
Each Port has its own control register, known as PAC, PBC, PCC, PDC, PEC, PFC which controls
the input/output configuration. With this control register, each I/O pin with or without pull-high
resistors can be reconfigured dynamically under software control. For the I/O pin to function as an
input, the corresponding bit of the control register must be written as a “1”. This will then allow
the logic state of the input pin to be directly read by instructions. When the corresponding bit of the
control register is written as a “0”, the I/O pin will be setup as a CMOS output. If the pin is currently
setup as an output, instructions can still be used to read the output register.
However, it should be noted that the program will in fact only read the status of the output data latch
and not the actual logic status of the output pin.
Pin-shared Functions
The flexibility of the microcontroller range is greatly enhanced by the use of pins that have more
than one function. Limited numbers of pins can force serious design constraints on designers but by
supplying pins with multi-functions, many of these difficulties can be overcome. For some pins, the
chosen function of the multi-function I/O pins is set by configuration options while for others the
function is set by application program control.
● External Interrupt Input
The external interrupt pins, INTn, are pin-shared with I/O pins. To use the pin as an external
interrupt input the correct bits in the MFIC register must be programmed. The pin must also be
setup as an input by setting the Input/Output Port Control Register bit in the Port Control Register.
A pull-high resistor can also be selected via the appropriate port pull-high resistor register. Note
that even if the pin is setup as an external interrupt input the I/O function still remains.
● External Timer/Event Counter Input
The Timer/Event Counter pins, TC0 and TC1 are pin-shared with I/O pins. For these shared pins
to be used as Timer/Event Counter inputs, the Timer/Event Counter must be configured to be in
the Event Counter or Pulse Width Capture Mode. This is achieved by setting the appropriate bits
in the Timer/Event Counter Control Register. The pins must also be setup as inputs by setting the
appropriate bit in the Port Control Register. Pull-high resistor options can also be selected using
the port pull-high resistor registers. Note that even if the pin is setup as an external timer input the
I/O function still remains.
● BZ output
The BZ function output is pin-shared with an I/O pin. The output function of this pin is chosen
using the CTRL2 register. If the port control register has setup the pin as an input, then the pin
will function as a normal logic input with the usual pull-high selection, even if the BZ function
has been selected.
● PFD Output
The PFD function output is pin-shared with an I/O pin. The output function of this pin is chosen
using the CTRL0 register. Note that the corresponding bit of the port control register, must setup
the pin as an output to enable the PFD output. If the port control register has setup the pin as an
input, then the pin will function as a normal logic input with the usual pull-high selection, even if
the PFD function has been selected.
● PWM Outputs
The PWM function whose outputs are pin-shared with I/O pins. The PWM output functions are
chosen using the CTRL0 register. Note that the corresponding bit of the port control registers, for
the output pin, must setup the pin as an output to enable the PWM output. If the pins are setup as
inputs, then the pin will function as a normal logic input with the usual pull-high selections, even
if the PWM registers have enabled the PWM function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com