Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 73 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 73 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 69Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 70Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 71Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 72Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 73Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 74Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 75Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 76Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 77Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
Rev. 1.00
7�
����st 1�� �011
Rev. 1.00
73
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Display Memory
An area of Data Memory is especially reserved for use for the LCD display data. This data area
is known as the Display Memory. Any data written here will be automatically read by the internal
display driver circuits, which will in turn automatically generate the necessary LCD signals.
Therefore any data written into this Memory will be immediately reflected into the actual display
connected to the microcontroller. As the Display Memory addresses overlap those of the General
Purpose Data Memory, it stored in its own independent Bank 1 area. The Data Memory Bank to be
used is chosen by using the Bank Pointer, which is a special function register in the Data Memory,
with the name, BP. To access the Display Memory therefore requires first that Bank 1 is selected
by writing a value of 01H to the BP register. After this, the memory can then be accessed by using
indirect addressing through the use of Memory Pointer MP1. With Bank 1 selected, then using
MP1 to read or write to the memory area, starting with address 40H, will result in operations to the
Display Memory. Directly addressing the Display Memory is not applicable and will result in a data
access to the Bank 0 General Purpose Data Memory.
The accompanying Display Memory Map diagrams shows how the internal Display Memory is
mapped to the Segments and Commons of the display for the device.
40 H
CO M
0
1
2
SE GM EN T
41 H4 2H
43 H5 3H 54 H5 5H
Bi t
01
23
19
20
21
3
0
1
2
3
22
56 H
LCD Registers
Control Registers in the Data Memory, are used to control the various setup features of the LCD
Driver. There are three control register for the LCD function, CTRL2, LCDC and LCDO. Various
bits in these registers control functions such as duty type, bias type, bias resistor selection as well as
overall LCD enable and disable. The LCDEN bit in the LCDC register, which provide the overall
LCD enable/disable function, will only be effective when the device is in the Normal, Slow or Idle
Mode. If the device is in the Sleep Mode then the display will always be disabled. Bits RSEL0 and
RSEL1 in the LCDC register select the internal bias resistors to supply the LCD panel with the
correct bias voltages. A choice to best match the LCD panel used in the application can be selected
also to minimise bias current. The TYPE bit in the same register is used to select whether Type A or
Type B LCD control signals are used.
The LCDO register is used to determine if the output function of display pins are used as segment
drivers or CMOS outputs or I/O pins. The bits LCDSEL2~LCDSEL0 in the CTRL2 register are
used to select LCD Clock Source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com