Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
Rev. 1.00
34
����st 1�� �011
Rev. 1.00
35
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
time-out occurs, the TO bit in the status register will be set and only the Program Counter and Stack
Pointer will be reset. Three methods can be adopted to clear the contents of the Watchdog Timer.
The first is a WDT reset, which means a certain value except 01010B and 10101B written into the
WE4~WE0 bit filed, the second is using the Watchdog Timer software clear instructions and the
third is via a HALT instruction.
There is only one method of using software instruction to clear the Watchdog Timer. That is to use
the single “CLR WDT” instruction to clear the WDT.
The maximum time out period is when the 218 division ratio is selected. As an example, with a 32
kHz LIRC oscillator as its source clock, this will give a maximum watchdog period of around 8
second for the 218 division ratio, and a minimum timeout of 7.8ms for the 28 division ration.
“
CLR WDT”Instr�ction
8-sta�e Divider
WDT Prescaler
WE4~WE0 bits
WDTC Re�ister
Reset MCU
LIRC
fS
fLIRC
fS/�8
8-to-1 MUX
CLR
WS�~WS0
(fS/�8 ~ fS/�18)
WDT Time-o�t
(�8/fS ~ �18/fS)
Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com