Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 44Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
Rev. 1.00
40
����st 1�� �011
Rev. 1.00
41
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
Register
Power-on Reset
LVR Reset
WDT Time-out
(Normal Operation)
WDT Time-Out
(Idle/Sleep)
(Normal
Operation)
WDTTime-O�t
1111 1111
1111 1111
���� ����
(Idle/Sleep)
1111 1111
1111 1111
1111 1111
���� ����
PBPU
0000 0000
0000 0000
0000 0000
���� ����
PC
1111 1111
1111 1111
1111 1111
���� ����
PCC
1111 1111
1111 1111
1111 1111
���� ����
PCPU
0000 0000
0000 0000
0000 0000
���� ����
PD
1111 1111
1111 1111
1111 1111
���� ����
PDC
1111 1111
1111 1111
1111 1111
���� ����
PDPU
0000 0000
0000 0000
0000 0000
���� ����
PE
- 111 1111
- 111 1111
- 111 1111
- ��� ����
PEC
- 111 1111
- 111 1111
- 111 1111
- ��� ����
PEPU
-000 0000
-000 0000
-000 0000
- ��� ����
PF
---- -1 1 1
---- -1 1 1
---- -1 1 1
---- - ���
PFC
---- -1 1 1
---- -1 1 1
---- -1 1 1
---- - ���
PFPU
---- -000
---- -000
---- -000
---- - ���
CTRL0
0000 00-0
0000 00-0
0000 00-0
���� �� - �
CTRL1
0000 ----
0000 ----
0000 ----
���� ----
CTRL�
0000 0001
0000 0001
0000 0001
���� ����
CTRL3
---- -x00
---- - ���
---- - ���
---- - ���
PWM0
xxxx xxxx
xxxx xxxx
xxxx xxxx
���� ����
PWM1
xxxx xxxx
xxxx xxxx
xxxx xxxx
���� ����
�NCSR0
0000 0000
0000 0000
0000 0000
���� ����
�NCSR1
---- 0000
---- 0000
---- 0000
���� ����
�DCR
01-- 0000
01-- 0000
01-- 0000
�� -- ����
�CSR
1 1-0 -000
1 1-0 -000
1 1-0 -000
�� - � - ���
�DRL
xxxx ----
xxxx ----
xxxx ----
���� ----
�DRH
xxxx xxxx
xxxx xxxx
xxxx xxxx
���� ����
MFIC
0000 0000
0000 0000
0000 0000
���� ����
INTEG
1010 1010
1010 1010
1010 1010
���� ����
LCDO
---- 0000
---- 0000
---- 0000
---- ����
LCDC
0--- 0000
0--- 0000
0--- 0000
� --- ����
LVDC
--00 -000
--00 -000
--00 -000
���� ����
LVRC
0101 0101
0101 0101
0101 0101
���� ����
Note: “-” not implement
“u” means “unchanged”
“x” means “unknown”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com