Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 89 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 89 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 84Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 85Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 86Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 87Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 88Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 89Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 90Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 91Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 92Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 89 / 92 page
background image
Rev. 1.00
88
����st 1�� �011
Rev. 1.00
89
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
S�btract Data Memory from �CC with res�lt in Data Memory
The specified Data Memory is subtracted from the contents of the Accumulator.
The res�lt is stored in the Data Memory. Note that if the res�lt of s�btraction is
negative, the C flag will be cleared to 0, otherwise if the result is positive or zero,
the C flag will be set to 1.
[m] ← �CC ― [m]
OV� Z� �C� C
S�btract immediate data from �CC
The immediate data specified by the code is subtracted from the contents of the
�cc�m�lator. The res�lt is stored in the �cc�m�lator. Note that if the res�lt of
subtraction is negative, the C flag will be cleared to 0, otherwise if the result is
positive or zero, the C flag will be set to 1.
�CC ← �CC ― x
OV� Z� �C� C
Swap nibbles of Data Memory
The low-order and hi�h-order nibbles of the specified Data Memory are
interchan�ed.
[m].3~[m].0↔[m].7 ~ [m].4
None
Swap nibbles of Data Memory with res�lt in �CC
The low-order and hi�h-order nibbles of the specified Data Memory are
interchan�ed. The res�lt is stored in the �cc�m�lator. The contents of the Data
Memory remain �nchan�ed.
�CC.3 ~ �CC.0 ← [m].7 ~ [m].4
�CC.7 ~ �CC.4 ← [m].3 ~ [m].0
None
Skip if Data Memory is 0
If the contents of the specified Data Memory is 0� the followin� instr�ction is
skipped. �s this req�ires the insertion of a d�mmy instr�ction while the next
instr�ction is fetched� it is a two cycle instr�ction. If the res�lt is not 0 the pro�ram
proceeds with the followin� instr�ction.
Skip if [m] = 0
None
Skip if Data Memory is 0 with data movement to �CC
The contents of the specified Data Memory are copied to the Accumulator. If the
val�e is zero� the followin� instr�ction is skipped. �s this req�ires the insertion of a
d�mmy instr�ction while the next instr�ction is fetched� it is a two cycle instr�ction.
If the res�lt is not 0 the pro�ram proceeds with the followin� instr�ction.
�CC ← [m]
Skip if [m] = 0
None
SUBM A,[m]
Description
Operation
Affected flag(s)
SUB A,x
Description
Operation
Affected flag(s)
SWAP [m]
Description
Operation
Affected flag(s)
SWAPA [m]
Description
Operation
Affected flag(s)
SZ [m]
Description
Operation
Affected flag(s)
SZA [m]
Description
Operation
Affected flag(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com