Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 76 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 76 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 72Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 73Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 74Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 75Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 76Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 77Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 78Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 79Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 80Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
Rev. 1.00
76
����st 1�� �011
Rev. 1.00
77
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
Low Voltage Detector – LVD
The device has a Low Voltage Detector function, also known as LVD. This enabled the device to
monitor the power supply voltage, VDD, and provide a warning signal should it fall below a certain
level. This function may be especially useful in battery applications where the supply voltage will
gradually reduce as the battery ages, as it allows an early warning battery low signal to be generated.
The Low Voltage Detector also has the capability of generating an interrupt signal.
LVD Register
The Low Voltage Detector function is controlled using a single register with the name LVDC. Three
bits in this register, VLVD2~VLVD0, are used to select one of eight fixed voltages below which a low
voltage condition will be detemined. A low voltage condition is indicated when the LVDO bit is set.
If the LVDO bit is low, this indicates that the VDD voltage is above the preset low voltage value. The
LVDEN bit is used to control the overall on/off function of the low voltage detector. Setting the bit
high will enable the low voltage detector. Clearing the bit to zero will switch off the internal low
voltage detector circuits. As the low voltage detector will consume a certain amount of power, it may
be desirable to switch off the circuit when not in use, an important consideration in power sensitive
battery powered applications.
LVDC Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
LVDO
LVDEN
—
VLVD�
VLVD1
VLVD0
R/W
—
—
R
R/W
—
R/W
R/W
R/W
POR
—
—
0
0
—
0
0
0
Bit 7~6
Unimplemented, read as "0"
Bit 5
LVDO: LVD Output Flag
0: no Low Voltage Detect
1: low Voltage Detect
Bit 4
LVDEN: Low Voltage Detector Control
0: disable
1: enable
Bit 3
Unimplemented, read as “0”
Bit 2~0
VLVD2~VLVD0: Select LVD Voltage
000: 2.0V
001: 2.2V
010: 2.4V
011: 2.7V
100: 3.0V
101: 3.3V
110: 3.6V
111: 4.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com