Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 79 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 79 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 75Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 76Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 77Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 78Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 79Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 80Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 81Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 82Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 83Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
Rev. 1.00
78
����st 1�� �011
Rev. 1.00
79
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Instruction Set Summary
The following table depicts a summary of the instruction set categorised according to function and
can be consulted as a basic instruction reference using the following listed conventions.
Table Conventions
x: Bits immediate data
m: Data Memory address
A: Accumulator
i: 0~7 number of bits
addr: Program memory address
Mnemonic
Description
Cycles
Flag Affected
Arithmetic
�DD ��[m]
�dd Data Memory to �CC
1
Z� C� �C� OV
�DDM ��[m]
�dd �CC to Data Memory
1Note
Z� C� �C� OV
�DD ��x
�dd immediate data to �CC
1
Z� C� �C� OV
�DC ��[m]
�dd Data Memory to �CC with Carry
1
Z� C� �C� OV
�DCM ��[m]
�dd �CC to Data memory with Carry
1Note
Z� C� �C� OV
SUB ��x
S�btract immediate data from the �CC
1
Z� C� �C� OV
SUB ��[m]
S�btract Data Memory from �CC
1
Z� C� �C� OV
SUBM ��[m]
S�btract Data Memory from �CC with res�lt in Data Memory
1Note
Z� C� �C� OV
SBC ��[m]
S�btract Data Memory from �CC with Carry
1
Z� C� �C� OV
SBCM ��[m]
S�btract Data Memory from �CC with Carry� res�lt in Data Memory
1Note
Z� C� �C� OV
D�� [m]
Decimal adj�st �CC for �ddition with res�lt in Data Memory
1Note
C
Logic Operation
�ND ��[m]
Lo�ical �ND Data Memory to �CC
1
Z
OR ��[m]
Lo�ical OR Data Memory to �CC
1
Z
XOR ��[m]
Lo�ical XOR Data Memory to �CC
1
Z
�NDM ��[m]
Lo�ical �ND �CC to Data Memory
1Note
Z
ORM ��[m]
Lo�ical OR �CC to Data Memory
1Note
Z
XORM ��[m]
Lo�ical XOR �CC to Data Memory
1Note
Z
�ND ��x
Lo�ical �ND immediate Data to �CC
1
Z
OR ��x
Lo�ical OR immediate Data to �CC
1
Z
XOR ��x
Lo�ical XOR immediate Data to �CC
1
Z
CPL [m]
Complement Data Memory
1Note
Z
CPL� [m]
Complement Data Memory with res�lt in �CC
1
Z
Increment & Decrement
INC� [m]
Increment Data Memory with res�lt in �CC
1
Z
INC [m]
Increment Data Memory
1Note
Z
DEC� [m]
Decrement Data Memory with res�lt in �CC
1
Z
DEC [m]
Decrement Data Memory
1Note
Z
Rotate
RR� [m]
Rotate Data Memory ri�ht with res�lt in �CC
1
None
RR [m]
Rotate Data Memory ri�ht
1Note
None
RRC� [m]
Rotate Data Memory ri�ht thro��h Carry with res�lt in �CC
1
C
RRC [m]
Rotate Data Memory ri�ht thro��h Carry
1Note
C
RL� [m]
Rotate Data Memory left with res�lt in �CC
1
None
RL [m]
Rotate Data Memory left
1Note
None
RLC� [m]
Rotate Data Memory left thro��h Carry with res�lt in �CC
1
C
RLC [m]
Rotate Data Memory left thro��h Carry
1Note
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com