Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 47 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 47 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 46Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 47Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 48Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 49Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 50Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 51Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
Rev. 1.00
46
����st 1�� �011
Rev. 1.00
47
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
control of the respective timer. Setting the bit high allows the counter to run. Clearing the bit stops
the counter. Bits 0~2 of the Timer Control Register determine the division ratio of the input clock
prescaler. The prescaler bit settings have no effect if an external clock source is used. If the timer is
in the event count or pulse width capture mode, the active transition edge level type is selected by
the logic level of bit 3 of the Timer Control Register which is known as TnEG. The T0S1, T0S0,
T1S bits select the internal clock source if used.
CTRL1 Register
Bit
7
6
5
4
3
2
1
0
Name
T0S1
T0S0
TB00
TB01
—
—
—
—
R/W
R/W
R/W
R/W
R/W
—
—
—
—
POR
0
0
0
0
—
—
—
—
Bit 7~6
T0S1, T0S0: Prescaler/TMR0 clock source
00: fTP=fSYS
Prescaler clock source is fSYS
TMR0 clock sourced from the output clock of the Prescaler
01: fTP=LXT
Prescaler clock source is LXT.
TMR0 clock sourced from the output clock of the Prescaler
10: fTP=PFD0
Prescaler clock source is PFD0.
TMR0 clock sourced from fSYS.
11: undefined
Note: If PWM0C or PWM1C is enabled, the clock source of the Prescaler is selected
to be either fSYS or PFD0 using the T0S1 bit.
Bit 5~4
TB01, TB00: Time base 0 period selection
00: fS/212
01: fS/213
10: fS/214
11: fS/215
Bit 3~0
Unimplemented, read as “0”
TMR0C Register
Bit
7
6
5
4
3
2
1
0
Name
T0M1
T0M0
—
T0ON
T0EG
T0PS�
T0PS1
T0PS0
R/W
R/W
R/W
—
R/W
R/W
R/W
R/W
R/W
POR
0
0
—
0
1
0
0
0
Bit 7,6
T0M1, T0M0: Timer 0 operation mode selection
00: no mode available
01: event counter mode
10: timer mode
11: pulse width capture mode
Bit 5
Unimplemented, read as “0”
Bit 4
T0ON: Timer/event counter counting enable
0: disable
1: enable
Bit 3
T0EG: Event counter active edge selection
1: count on falling edge
0: count on rising edge
Pulse Width Capture active edge selection
1: start counting on rising edge, stop on falling edge
0: start counting on falling edge, stop on rising edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com